Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9639 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 9639
Description  N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFET??POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9639 Datasheet(HTML) 1 Page - STMicroelectronics

  9639 Datasheet HTML 1Page - STMicroelectronics 9639 Datasheet HTML 2Page - STMicroelectronics 9639 Datasheet HTML 3Page - STMicroelectronics 9639 Datasheet HTML 4Page - STMicroelectronics 9639 Datasheet HTML 5Page - STMicroelectronics 9639 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
TARGET DATA
June 2003
This is preliminary information on a new product forseen to be developped. Details are subject to change without notice
STS5N150
N-CHANNEL 150V - 0.045
Ω - 5A SO-8
LOW GATE CHARGE STripFET™ POWER MOSFET
s
TYPICAL RDS(on) = 0.045 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
EXTREMELY LOW GATE CHARGE
DESCRIPTION
This MOSFET series realized with STMicroelectronics
unique STripFET process has specifically been designed
to minimize input capacitance and gate charge. It is
therefore suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC converters for
Telecom and Computer applications. It is also intended
for any applications with low gate drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
Ordering Information
TYPE
VDSS
RDS(on)
ID
STS5N150
150 V
<0.06
Ω
5 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STS5N150
S5N150
SO-8
TAPE & REEL
SO-8
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
150
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
150
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
5A
ID
Drain Current (continuous) at TC = 100°C
3A
IDM(•)
Drain Current (pulsed)
20
A
Ptot
Total Dissipation at TC = 25°C
2.5
W
Tstg
Storage Temperature
-55 to 150
°C
Tj
Operating Junction Temperature


Similar Part No. - 9639

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9639 FESTO-9639 Datasheet
98Kb / 1P
Short pulse valve
logo
TE Connectivity Ltd
963900-1 TEC-963900-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
963900-2 TEC-963900-2 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
963900-3 TEC-963900-3 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
963900-4 TEC-963900-4 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results

Similar Description - 9639

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NS15 STMICROELECTRONICS-STB30NS15 Datasheet
342Kb / 9P
N-CHANNEL 150V - 0.075 ohm - 30A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Oct-2001
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STS5NS150 STMICROELECTRONICS-STS5NS150 Datasheet
277Kb / 8P
N-CHANNEL 150V - 0.075 ohm - 5A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
May-2002
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL Datasheet
269Kb / 8P
DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Oct-2002
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STS9NF3LL STMICROELECTRONICS-STS9NF3LL Datasheet
274Kb / 8P
N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Nov-2001
STL27N15 STMICROELECTRONICS-STL27N15 Datasheet
132Kb / 6P
N-CHANNEL 150V - 0.045 W - 27A PowerFLAT LOW GATE CHARGE STripFET MOSFET
Jun-2003
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
30-Jan-2007
STS8C5H30L_0707 STMICROELECTRONICS-STS8C5H30L_0707 Datasheet
429Kb / 14P
N-channel 30V - 0.018 Ω - 8A/p-channel 30V - 0.045 Ω - 5A - SO-8 Low gate charge STripFET??III MOSFET
23-Jul-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com