Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25Q41B Datasheet(PDF) 39 Page - ELM Electronics

Part # GD25Q41B
Description  Uniform Sector Dual and Quad Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q41B Datasheet(HTML) 39 Page - ELM Electronics

Back Button GD25Q41B Datasheet HTML 35Page - ELM Electronics GD25Q41B Datasheet HTML 36Page - ELM Electronics GD25Q41B Datasheet HTML 37Page - ELM Electronics GD25Q41B Datasheet HTML 38Page - ELM Electronics GD25Q41B Datasheet HTML 39Page - ELM Electronics GD25Q41B Datasheet HTML 40Page - ELM Electronics GD25Q41B Datasheet HTML 41Page - ELM Electronics GD25Q41B Datasheet HTML 42Page - ELM Electronics GD25Q41B Datasheet HTML 43Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
39
Rev.1.1
46 -
http://www.elm-tech.com
GD25Q41BxIGx Uniform Sector Dual and Quad Serial Flash
8.5. Absolute Maximum Ratings
Parameter
Value
Unit
Ambient Operating Temperature
-40 to 85
°C
Storage Temperature
-65 to 150
°C
Output Short Circuit Current
200
mA
Applied Input/Output Voltage
-0.5 to 4.0
V
VCC
-0.5 to 4.0
V
0.8VCC
0.1VCC
0.7VCC
0.2VCC
0.5VCC
AC Measurement Level
Input timing reference level
Output timing reference level
Note: Input pulse rise and fall time are <5ns
8.6. Capacitance Measurement Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
CIN
Input Capacitance
6
pF
VIN=0V
COUT
Output Capacitance
8
pF
VOUT=0V
CL
Load Capacitance
30
pF
Input Rise And Fall time
5
ns
Input Pulse Voltage
0.1VCC to 0.8VCC
V
Input Timing Reference Voltage
0.2VCC to 0.7VCC
V
Output Timing Reference Voltage
0.5VCC
V
Figure 39. Input Test Waveform and Measurement Level
Maximum Negative Overshoot Waveform
Maximum Positive Overshoot Waveform
Vss
20ns
20ns
20ns
Vss-2.0V
Vcc
20ns
20ns
20ns
Vcc + 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com