Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58CR032C85ZB6T Datasheet(PDF) 39 Page - STMicroelectronics

Part # M58CR032C85ZB6T
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032C85ZB6T Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M58CR032C85ZB6T Datasheet HTML 35Page - STMicroelectronics M58CR032C85ZB6T Datasheet HTML 36Page - STMicroelectronics M58CR032C85ZB6T Datasheet HTML 37Page - STMicroelectronics M58CR032C85ZB6T Datasheet HTML 38Page - STMicroelectronics M58CR032C85ZB6T Datasheet HTML 39Page - STMicroelectronics M58CR032C85ZB6T Datasheet HTML 40Page - STMicroelectronics M58CR032C85ZB6T Datasheet HTML 41Page - STMicroelectronics M58CR032C85ZB6T Datasheet HTML 42Page - STMicroelectronics M58CR032C85ZB6T Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
39/63
M58CR032C, M58CR032D
Table 22. Synchronous Burst Read AC Characteristics
Note: For other timings please refer to Table 21, Asynchronous Read AC Characteristics
Symbol
Alt
Parameter
Test Condition
M58CR032
Unit
85
100
120
Min
Max
Min
Max
Min
Max
tAVKH
tAVCLKH
Address Valid to Clock
High
777
ns
tELKH
tCELCLKH
Chip Enable Low to Clock
High
777
ns
tKHKH
tCLK
Clock Period
18
18
25
ns
tKHAX
tCLKHAX
Clock High to Address
Transition
E = VIL, G = VIH
10
10
10
ns
tKHKL
tCLKHCLKL Clock High to Clock Low
5
5
5
ns
tKLKH
tCLKLCLKH Clock Low to Clock High
5
5
5
ns
tKHQV
tCLKHQV
Clock to Data Valid
Clock to WAIT Valid
E = VIL, G = VIL
14
14
18
ns
tKHQX
tCLKHQX
Clock to Output Transition
Clock to WAIT Transition
E = VIL
444
ns
tLLKH
tAVDLCLKH
Latch Enable Low to Clock
High
777
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com