Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8912 Datasheet(PDF) 34 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 30Page - Cirrus Logic WM8912 Datasheet HTML 31Page - Cirrus Logic WM8912 Datasheet HTML 32Page - Cirrus Logic WM8912 Datasheet HTML 33Page - Cirrus Logic WM8912 Datasheet HTML 34Page - Cirrus Logic WM8912 Datasheet HTML 35Page - Cirrus Logic WM8912 Datasheet HTML 36Page - Cirrus Logic WM8912 Datasheet HTML 37Page - Cirrus Logic WM8912 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
34
DAC SOFT MUTE AND SOFT UN-MUTE
The WM8912 has a soft mute function. When enabled, this gradually attenuates the volume of the
DAC output. When soft mute is disabled, the gain will either gradually ramp back up to the digital gain
setting, or return instantly to the digital gain setting, depending on the DAC_UNMUTE_RAMP register
bit.
To mute the DAC, this function must be enabled by setting DAC_MUTE to 1.
Soft Mute Mode would typically be enabled (DAC_UNMUTE_RAMP = 1) when using DAC_MUTE
during playback of audio data so that when DAC_MUTE is subsequently disabled, the sudden volume
increase will not create pop noise by jumping immediately to the previous volume level (e.g. resuming
playback after pausing during a track).
Soft Mute Mode would typically be disabled (DAC_UNMUTE_RAMP = 0) when un-muting at the start
of a music file, in order that the first part of the track is not attenuated (e.g. when starting playback of
a new track, or resuming playback after pausing between tracks).
DAC muting and un-muting using volume control bits
DACL_VOL and DACR_VOL.
DAC muting and un-muting using the DAC_MUTE bit.
If soft Mute Mode is not enabled (DAC_UNMUTE_RAMP = 0):
Setting the DAC_MUTE bit causes the volume to ramp down
at a rate controlled by DAC_MUTERATE.
Clearing the DAC_MUTE bit causes the volume to return to
the un-muted level immediately.
DAC muting and un-muting using the DAC_MUTE bit.
If soft Mute Mode is enabled (DAC_UNMUTE_RAMP = 1):
Setting the DAC_MUTE bit causes the volume to ramp down.
Clearing the DAC_MUTE bit causes the volume to ramp up to
the un-muted level at a rate controlled by DAC_MUTERATE.
Figure 21 DAC Mute Control
The volume ramp rate during soft mute and un-mute is controlled by the DAC_MUTERATE bit. Ramp
rates of fs/32 and fs/2 can be selected, as shown in Table 18. The ramp rate determines the rate at
which the volume is increased or decreased. The actual ramp time depends on the extent of the
difference between the muted and un-muted volume settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com