Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC62GP3022ML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC62GP3022ML
Description  Positive Voltage Regulators (Output On/Off)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62GP3022ML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC62GP3022ML Datasheet HTML 1Page - Torex Semiconductor XC62GP3022ML Datasheet HTML 2Page - Torex Semiconductor XC62GP3022ML Datasheet HTML 3Page - Torex Semiconductor XC62GP3022ML Datasheet HTML 4Page - Torex Semiconductor XC62GP3022ML Datasheet HTML 5Page - Torex Semiconductor XC62GP3022ML Datasheet HTML 6Page - Torex Semiconductor XC62GP3022ML Datasheet HTML 7Page - Torex Semiconductor XC62GP3022ML Datasheet HTML 8Page - Torex Semiconductor XC62GP3022ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
XC62G Series
316
3
■Pin Configuration
■Pin Assignment
SOT-25
(TOP VIEW)
SOT-89-5
(TOP VIEW)
5
5
4
4
3
1
2
VOUT
VSS
VOUT
VSS
(NC)
VIN
CE
(NC)
VIN
CE
1
3
2
PIN NUMBER
SOT-25
SOT-89-5
PIN NAME
FUNCTION
1
4
Ground
Chip Enable
22
VSS
33
Supply Voltage input
VIN
4
1
No Connection
55
(NC)
Regulated Output Voltage
VOUT
CE
■Product Classification
GOrdering Information
DESIGNATOR
a
e
f
b
c
d
DESCRIPTION
DESIGNATOR
DESCRIPTION
True Logic Level at CE Pin:
R=Positive
P=Negative(Custom)
Output Voltage
30=3.0V
50=5.0V
Response:
1=Standard
2=High Speed (Semi-Custom)
Output Voltage Accuracy:
1=
±1.0%(Semi-custom)
2=
±2.0%
Package Type
M=SOT-25
P=SOT-89-5
Device Orientation
R=Embossed Tape
(Standard Feed)
L=Embossed Tape
(Reverse Feed)
XC62GXXXXXXX
↑
a
↑
b
↑
c
↑
d
↑
e
↑
f
■Function List
H=High, L=Low
SERIES
CE
VOLTAGE OUTPUT
XC62GR
H
ON
L
OFF
XC62GP
H
OFF
L
ON
03S_07XC62G 02.9.12 3:04 PM ページ 316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com