Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12L066 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12L066
Description  12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L066 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC12L066 Datasheet HTML 17Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 18Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 19Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 20Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 21Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 22Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 23Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 24Page - National Semiconductor (TI) ADC12L066 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Applications Information (Continued)
The two input signals should be exactly 180˚ out of phase
from each other and of the same amplitude. For single
frequency (sine wave) inputs, angular errors result in a re-
duction of the effective full scale input. For a complex wave-
form, however, angular errors will result in distortion.
For angular deviations of up to 10 degrees from these two
signals being 180 out of phase with each other, the full scale
error in LSB can be described as approximately
E
FS = dev
1.79
Where dev is the angular difference between the two signals
having a 180˚ relative phase relationship to each other (see
Figure 3). Drive the analog inputs with a source impedance
less than 100
Ω.
For differential operation, each analog input pin of the differ-
ential pair should have a peak-to-peak voltage equal to the
input reference voltage, V
REF, and be centered around VCM.
1.3.1 Single-Ended Input Operation
Single-ended performance is inferior to that with differential
input signals, so single-ended operation is not recom-
mended, However, if single-ended operation is required and
the resulting performance degradation is acceptable, one of
the analog inputs should be connected to the d.c. mid point
voltage of the driven input. The peak-to-peak differential
input signal should be twice the reference voltage to maxi-
mize SNR and SINAD performance (Figure 2b).
For example, set V
REF to 0.5V, bias VIN− to 1.0V and drive
V
IN+ with a signal range of 0.5V to 1.5V.
Because very large input signal swings can degrade distor-
tion performance, better performance with a single-ended
input can be obtained by reducing the reference voltage
while maintaining a full-range output. Table 1. Input to Output
Relationship–Differential Input and Table 2. Input to Output
Relationship–Single-Ended Input indicate the input to output
relationship of the ADC12L066.
1.3.2 Driving the Analog Inputs
The V
IN+ and the VIN− inputs of the ADC12L066 consist of
an analog switch followed by a switched-capacitor amplifier.
The capacitance seen at the analog input pins changes with
the clock level, appearing as 8 pF when the clock is low, and
7 pF when the clock is high.
As the internal sampling switch opens and closes, current
pulses occur at the analog input pins, resulting in voltage
spikes at the signal input pins. As a driving amplifier attempts
to counteract these voltage spikes, a damped oscillation
may appear at the ADC analog input. The best amplifiers for
driving the ADC12L066 input pins must be able to react to
these spikes and settle before the switch opens and another
sample is taken. The LMH6702 LMH6628, LMH6622 and the
LMH6655 are good amplifiers for driving the ADC12L066.
To help isolate the pulses at the ADC input from the amplifier
output, use RCs at the inputs, as can be seen in Figure 5
and Figure 6. These components should be placed close to
the ADC inputs because the input pins of the ADC is the
most sensitive part of the system and this is the last oppor-
tunity to filter that input.
For Nyquist applications the RC pole should be at the ADC
sample rate. The ADC input capacitance in the sample mode
should be considered with setting the RC pole. Setting the
pole in this manner will provide best SINAD performance.
To obtain best SNR performance, leave the RC values as
calculated. To obtain best SINAD and ENOB performance,
reduce the RC time constant until SNR and THD are numeri-
cally equal to each other. To obtain best distortion and SFDR
performance, eliminate the RC altogether.
For undersampling applications, the RC pole should be set
at about 1.5 to 2 times the maximum input frequency for
narrow band applications. For wide band applications, the
RC pole should be set at about 1.5 times the maximum input
frequency to maintain a linear delay response.
A single-ended to differential conversion circuit is shown in
Figure 5 and Table 3. Resistor values for Circuit of NS4771
gives resistor values for that circuit to provide input signals in
a range of 1.0V ±0.5V at each of the differential input pins of
the ADC12L066.
TABLE 3. Resistor values for Circuit of Figure 5
SIGNAL
RANGE
R1
R2
R3
R4
R5, R6
0 - 0.25V
open
0
Ω
124
Ω 1500Ω 1000Ω
0 - 0.5V
0
Ω
open
Ω 499Ω 1500Ω 499Ω
±0.25V
100
Ω
698
Ω
100
Ω
698
Ω
499
Ω
1.3.3 Input Common Mode Voltage
The input common mode voltage, V
CM, should be in the
range of 0.5V to 1.5V and be of a value such that the peak
excursions of the analog signal does not go more negative
than ground or more positive than 0.8 Volts below the V
A
supply voltage. The nominal V
CM should generally be about
1.0V, but V
RM or VRN can be used as a VCM source as long
as no d.c. current is drawn from either of these pins.
20032811
FIGURE 2. Expected Input Signal Range
20032812
FIGURE 3. Angular Errors Between the Two Input
Signals Will Reduce the Output Level or Cause
Distortion
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com