Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

N76E616 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # N76E616
Description  Microcontroller
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N76E616 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button N76E616 Datasheet HTML 3Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 4Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 5Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 6Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 7Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 8Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 9Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 10Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 179 page
background image
N76E616 Datasheet
Feb 20, 2016
Page 7 of 179
Rev. 1.01
 Peripherals:
– Up to 45 general purpose I/O pins and one input-only pin. Four pins provide normal/high
current selected via software.
– Standard interrupt pins ̅̅̅̅̅̅̅ and ̅̅̅̅̅̅̅.
– Two 16-bit Timers/Counters 0 and 1 compatible with standard 8051.
– One 16-bit Timer 2 group with four timers 2A/2B/2C/2D, auto-reload mode and PWM mode
supported.
– One 16-bit auto-reload Timer 3, which can be the baud rate clock source of UARTs.
– One programmable Watchdog Timer (WDT) clocked by 10 kHz internal source, functions as
time-out reset timer or general purpose timer.
– One dedicated Self Wake-up Timer (WKT) for self-timed wake-up for power-reduced modes.
– Two full-duplex UART ports with frame error detection and automatic address recognition.
– One I
2
C bus with master and slave modes, up to 400 kbps data rate.
– Eight channels of pin interrupt, shared for all I/O ports, with variable configuration of edge/level
detection.
– One 10-bit ADC, up to 300 ksps sampling rate, with hardware conversion result compare.
– LCD driver with 4 COM / 32 SEG or 6 COM / 30 SEG configuration.
 Power management:
– Two power reduced modes: Idle and Power-down mode.
 Power monitor:
– Brown-out detection (BOD) with low power mode available, 4-level selection, interrupt or reset
options.
– Power-on reset (POR).
 Strong ESD and EFT immunity.
 Development Tools:
– Nuvoton On-Chip-Debugger (OCD) with KEIL
TM
development environment.
– Nuvoton In-Circuit-Programmer (ICP).
– Nuvoton In-System-Programming (ISP) via UARTs or Nuvoton ISP programmer.
 Part numbers and packages:
Part Number
APROM
LDROM
Package
N76E616AL48
18K Bytes shared with LDROM
Up to 4K Bytes
LQFP-48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com