Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8255 Datasheet(PDF) 20 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 16Page - Cirrus Logic WM8255 Datasheet HTML 17Page - Cirrus Logic WM8255 Datasheet HTML 18Page - Cirrus Logic WM8255 Datasheet HTML 19Page - Cirrus Logic WM8255 Datasheet HTML 20Page - Cirrus Logic WM8255 Datasheet HTML 21Page - Cirrus Logic WM8255 Datasheet HTML 22Page - Cirrus Logic WM8255 Datasheet HTML 23Page - Cirrus Logic WM8255 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
20
Figure 13 State Mapping Functionality
STATERST = 11
STATE_0
SEQ_STATE = 00
STATE_1
SEQ_STATE = 01
STATE_2
SEQ_STATE = 10
STATE_3
SEQ_STATE = 11
STATE_0
SEQ_STATE = 00
STATE_1
SEQ_STATE = 01
STATERST = 01
Figure 14 Setting the Sequence Length with STATERST
LED CURRENT DRIVE SEQUENCE SYNCHRONISATION AND PROGRESSION
The trigger to progress the state machine through the sequence states is dependent on whether the
LED driver is operating in colour mode or monochrome mode.
COLOUR MODE
In Colour Mode operation, LEDSTART and TG are used to synchronise and progress the sequence
state machine. This allows a single LED change for each line scan.
With both LEDSTART and TG high, the sequence state machine is synchronously set to STATE_0 by
MCLK. With LEDSTART low and at the next high pulse of TG, the sequence state machine is
progressed to the next state, STATE_1, by MCLK. This is repeated until the maximum number of
states determined by STATERST has been reached. At this point the LED drive current will be
switched away from the selected LED. The sequence state machine will be held in this state until
restarted by LEDSTART and TG.
If at any time both TG and LEDSTART are high, the sequence is synchronously set back to STATE_0
by MCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com