Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM24LC21SA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AM24LC21SA
Description  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21SA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AM24LC21SA Datasheet HTML 1Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 2Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 3Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AM24LC21
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Aug 10, 2002
3/13
Absolute Maximum Ratings (Note)
Symbol
Parameter
Rating
Unit
VCC
Voltage with respect to ground
7
V
VSS
All inputs and outputs w.r.t.
-0.6V to Vcc+1
V
TOP
Operating temperature
0 to + 70 (commercial)
-40 to +85 (industrial)
°C
TSTG
Storage temperature
-65 to +125
°C
DC Electrical Characteristics ( Vcc=2.5V to 5.5V, T
AC=0
oC ~ +70oC, TAI= -40oC ~ +85oC)
Symbol
Parameter
Conditions
Min.
Max.
Unit
VIH
SCL and SDA pins:
High level input voltage
−
0.7Vcc
−
V
VIL
SCL and SDA pins:
Low level input voltage
−
−
0.3Vcc
V
VIH
VCLK pin input level:
High level input voltage
VCC ≥2.7V (Note)
2
−
V
VIL
VCLK pin input levels:
Low level input voltage
VCC <2.7V (Note)
−
0.2Vcc
V
VHYS
Hysteresis
of
Schmitt
trigger
inputs
(Note)
0.05Vcc
−
V
VOL1
Low level output voltage
IOL=3mA, VCC=2.5V (Note)
−
0.4
V
VOL2
Low level output voltage
IOL=6mA, VCC=2.5V
−
0.6
V
ILI
Input leakage current
VIN = 0.1V to VCC
-10
10
uA
ILO
Output leakage current
VOUT = 0.1V to VCC
-10
10
uA
ICC(Write)
Operating current
VCC = 5.5V, SCL=400Khz
−
3
mA
ICC(Read)
Operating current
VCC = 5.5V, SCL=400Khz
−
1
mA
ICCS
standby current
VCC = 3V, SDA=SCL= VCC
VCC = 5.5V, SDA=SCL= VCC,
VCLK=VSS
−
−
30
100
uA
Note : This parameter is periodically sampled and not 100% tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com