Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CCPB-2-90CF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CCPB-2-90CF
Description  CUBEFuse Compact Circuit Protector Base (CCPB)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CCPB-2-90CF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CCPB-2-90CF Datasheet HTML 1Page - List of Unclassifed Manufacturers CCPB-2-90CF Datasheet HTML 2Page - List of Unclassifed Manufacturers CCPB-2-90CF Datasheet HTML 3Page - List of Unclassifed Manufacturers CCPB-2-90CF Datasheet HTML 4Page - List of Unclassifed Manufacturers CCPB-2-90CF Datasheet HTML 5Page - List of Unclassifed Manufacturers CCPB-2-90CF Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data 1161
Effective April 2017
CUBEFuse Compact Circuit Protector Base (CCPB)
for Quik–Spec™ Coordination Panelboards
Eaton.com/bussmannseries
Specifications:
Switch ampacity and rejection breaks
•
15A, 20A, 30A, 40A, 50A, 60A, 70A, 90A and 100A
Poles
•
1-, 2- and 3-pole versions
Volts
•
600Vac (or less)
•
125Vdc (15, 20, 30, 40, 70 and 90 amp switches with ≤ 80A fuse)
Agency information
•
UL 98 Listed, File E302370, Guide WHTY
•
cULus to CSA Standard 22.2 No. 4, File E302370, Guide WHTY7
•
CE compliant
•
RoHS compliant
Terminals
Lineside bolt-on bus connector and torque
•
Bolt-mounted design into Quik-Spec Coordination Panelboard bus
•
#10-32-UNC Hex flange Phillips screw; 25 Lb-In (2.8 N•m)
Loadside box lug terminal and torque
•
15-60A:
•
18 to 10 AWG (1 to 6mm2) single or dual rated (same size
wire), solid or stranded – 75°C or higher - Cu only;
20 Lb-In (3.4 N•m)
•
8 to 6 AWG (10 to 16mm2) single or dual rated (same size wire),
solid or stranded – 75°C or higher - Cu only;
35 Lb-In (5.8 N•m)
•
4 AWG (25mm2) single – 75°C or higher - Cu only;
35 Lb-In (5.8 N•m)
•
100A:
•
18 to 10 AWG (1 to 6mm2) single, solid or stranded –
75°C or higher - Cu only; 25 Lb-In (2.82 N•m)
•
8 to 1 AWG (10 to 45mm2) single stranded –
75°C or higher - Cu only; 40 Lb-In (4.52 N•m)
•
6 AWG (16mm2) dual stranded (same size wire) –
75°C or higher Cu only; 45 Lb-In (5.08 N•m)
Loadside fork terminal
•
Max. 30A suitable for use with #8-32UNC screw
Lockout/tagout
•
4mm shank lock
Local open fuse indication
•
Light illumination requires closed circuit and minimum 90V
operating voltage
Shipping weight
•
2.03 lbs per carton
Carton quantity
•
6 poles
Environmental data
Storage and operating temperature -20°C to 75°C**
** For fuse performance under or above 25°C, consult fuse performance derating
charts.
Switch handle
Lockout/tagout provision
Loadside
fork
terminal
Loadside
box lug
terminal
Local open fuse
indication light
Lineside bolt-on
bus connector
Switch ON and OFF
symbols
CUBEFuse base
1-Pole
2-Pole
3-pole
CCPB-1-_CF
CCPB-2-_CF
CCPB-3-_CF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com