Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2008FS21 Datasheet(PDF) 11 Page - Littelfuse

Part # S2008FS21
Description  Excellent unidirectional switches for phase control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S2008FS21 Datasheet(HTML) 11 Page - Littelfuse

Back Button S2008FS21 Datasheet HTML 3Page - Littelfuse S2008FS21 Datasheet HTML 4Page - Littelfuse S2008FS21 Datasheet HTML 5Page - Littelfuse S2008FS21 Datasheet HTML 6Page - Littelfuse S2008FS21 Datasheet HTML 7Page - Littelfuse S2008FS21 Datasheet HTML 8Page - Littelfuse S2008FS21 Datasheet HTML 9Page - Littelfuse S2008FS21 Datasheet HTML 10Page - Littelfuse S2008FS21 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
8 Amp Sensitive & Standard SCRs
0.512 (13.0)
Arbor Hole
Diameter
Gate
Cathode
Anode
0.63
(16.0)
0.157
(4.0)
0.64
(16.3)
12.99
(330.0)
0.524
(13.3)
0.315
(8.0)
0.059 DIA
(1.5)
*
* Cover tape
Direction of Feed
Dimensions
are in inches
(and millimeters).
TO-252 Embossed Carrier Reel Pack (RP) Specifications
Meets all EIA-481-2 Standards
Part Numbering System
Part Marking System
S 60 08 L S2 56
DEVICE TYPE
S: SCR
VOLTAGE RATING
40: 400V
60: 600V
80: 800V
K0: 1000V
CURRENT RATING
08: 8A
SENSITIVITY & TYPE
Sensitive SCR:
S2: 200µA
S3: 500µA
Standard SCR:
(blank): 15mA
PACKAGE TYPE
L: TO-220 Isolated
R: TO-220 Non-Isolated
V: TO-251 (V/I-Pak)
D: TO-252 (D-Pak)
LEAD FORM DIMENSIONS
xx: Lead Form Option
S6008F1
yxxxx
TO-202 Type 1 (F Package)
®
®
MXXX
Y
S6008RS2
TO-220 AB - (L and R Package)
Date Code Marking
Y:Year Code
M: Month Code
XXX: Lot Trace Code
S6008DS2
YMLDD
®
Date Code Marking
Y:Year Code
M: Month Code
L: Location Code
DD: Calendar Code
S6008DS2
YMLDD
®
TO-251AA - (V Package)
TO-252AA - (D Package)
S6008F1
yxxxx
TO-202 Type 1 (F Package)
®
®
MXXX
Y
S6008RS2
TO-220 AB - (L and R Package)
Date Code Marking
Y:Year Code
M: Month Code
XXX: Lot Trace Code
S6008DS2
YMLDD
®
Date Code Marking
Y:Year Code
M: Month Code
L: Location Code
DD: Calendar Code
S6008DS2
YMLDD
®
TO-251AA - (V Package)
TO-252AA - (D Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com