Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCV855I Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCV855I
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV855I Datasheet(HTML) 1 Page - Texas Instruments

  CDCV855I Datasheet HTML 1Page - Texas Instruments CDCV855I Datasheet HTML 2Page - Texas Instruments CDCV855I Datasheet HTML 3Page - Texas Instruments CDCV855I Datasheet HTML 4Page - Texas Instruments CDCV855I Datasheet HTML 5Page - Texas Instruments CDCV855I Datasheet HTML 6Page - Texas Instruments CDCV855I Datasheet HTML 7Page - Texas Instruments CDCV855I Datasheet HTML 8Page - Texas Instruments CDCV855I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CDCV855, CDCV855I
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS660A – SEPTEMBER 2001 – REVISED DECEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Phase-Lock Loop Clock Driver for Double
Data-Rate Synchronous DRAM
Applications
D Spread Spectrum Clock Compatible
D Operating Frequency: 60 MHz to 180 MHz
D Low Jitter (cyc–cyc): ±50 ps
D Distributes One Differential Clock Input to
Four Differential Clock Outputs
D Enters Low Power Mode and Three-State
Outputs When Input CLK Signal Is Less
Than 20 MHz or PWRDWN Is Low
D Operates From Dual 2.5-V Supplies
D 28-Pin TSSOP Package
D Consumes < 200-µA Quiescent Current
D External Feedback PIN (FBIN, FBIN) Are
Used to Synchronize the Outputs to the
Input Clocks
description
The CDCV855 is a high-performance, low-skew, low-jitter zero delay buffer that distributes a differential clock
input pair (CLK, CLK) to four differential pairs of clock outputs (Y[0:3], Y[0:3]) and one differential pair of
feedback clock outputs (FBOUT, FBOUT). When PWRDWN is high, the outputs switch in phase and frequency
with CLK. When PWRDWN is low, all outputs are disabled to a high-impedance state (3-state), and the PLL is
shut down (low-power mode). The device also enters this low-power mode when the input frequency falls below
a suggested detection frequency that is below 20 MHz (typical 10 MHz). An input frequency detection circuit
detects the low-frequency condition and after applying a >20-MHz input signal this detection circuit turns on the
PLL again and enables the outputs.
When AVDD is tied to GND, the PLL is turned off and bypassed for test purposes. The CDCV855 is also able
to track spread spectrum clocking for reduced EMI.
Since the CDCV855 is based on PLL circuitry, it requires a stabilization time to achieve phase-lock of the PLL.
This stabilization time is required following power up. The CDCV855 is characterized for both commercial and
industrial temperature ranges.
AVAILABLE OPTIONS
T
PACKAGED DEVICES
TA
TSSOP (PW)
0
°C to 70°C
CDCV855PW
–40
°C to 85°C
CDCV855IPW
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
Y0
Y0
VDDQ
GND
CLK
CLK
VDDQ
AVDD
AGND
VDDQ
Y1
Y1
GND
GND
Y3
Y3
VDDQ
PWRDWN
FBIN
FBIN
VDDQ
FBOUT
FBOUT
VDDQ
Y2
Y2
GND
PW PACKAGE
(TOP VIEW)


Similar Part No. - CDCV855I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV855IPW TI1-CDCV855IPW Datasheet
765Kb / 15P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV855IPWG4 TI1-CDCV855IPWG4 Datasheet
765Kb / 15P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV855IPWR TI1-CDCV855IPWR Datasheet
765Kb / 15P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV855IPWRG4 TI1-CDCV855IPWRG4 Datasheet
765Kb / 15P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCV855I

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
2.5-V Phase-lock Loop Clock Driver
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI1-CDCV855_16 Datasheet
765Kb / 15P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857 TI1-CDCV857_08 Datasheet
352Kb / 14P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCV857B TI1-CDCV857B_17 Datasheet
769Kb / 16P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com