Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C66113-PVC Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # CY7C66113-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66113-PVC Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button CY7C66113-PVC Datasheet HTML 39Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 40Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 41Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C66113-PVC Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 43 of 58
A
C
K
1. IN Token
H
O
S
T
D
E
V
I
C
E
S
Y
N
C
IN
A
D
D
R
C
R
C
5
E
N
D
P
S
Y
N
C
D
A
T
A
1/0
C
R
C
16
S
Y
N
C
Data
Token Packet
Data Packet
Hand
Shake
Packet
UPDATE
Host To Device
Device To Host
Host To Device
S
Y
N
C
IN
A
D
D
R
C
R
C
5
E
N
D
P
Token Packet
Host To Device
S
Y
N
C
Data Packet
Device To Host
NAK/STALL
UPDATE
2. OUT or SETUP Token without CRC error
S
Y
N
C
O
U
T
/
Set
up
A
D
D
R
C
R
C
5
E
N
D
P
Token Packet
Host To Device
S
Y
N
C
D
A
T
A
1/0
C
R
C
16
Data
Data Packet
Host To Device
SETUP
ACK,
NAK,
STAL
S
Y
N
C
Hand
Shake
Packet
UPDATE
Device To Host
3. OUT or SETUP Token with CRC error
S
Y
N
C
O
U
T
/
Set
up
A
D
D
R
C
R
C
5
E
N
D
P
Token Packet
Host To Device
S
Y
N
C
D
A
T
A
1/0
C
R
C
16
Data
Data Packet
Host To Device
UPDATE only if FIFO is
written
Figure 19-5. Token/Data Packet Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com