Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC08EP Datasheet(PDF) 5 Page - Analog Devices

Part # DAC08EP
Description  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08EP Datasheet(HTML) 5 Page - Analog Devices

  DAC08EP Datasheet HTML 1Page - Analog Devices DAC08EP Datasheet HTML 2Page - Analog Devices DAC08EP Datasheet HTML 3Page - Analog Devices DAC08EP Datasheet HTML 4Page - Analog Devices DAC08EP Datasheet HTML 5Page - Analog Devices DAC08EP Datasheet HTML 6Page - Analog Devices DAC08EP Datasheet HTML 7Page - Analog Devices DAC08EP Datasheet HTML 8Page - Analog Devices DAC08EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
DAC08
–5–
DAC08N
DAC08G
DAC08GR
Parameter
Symbol
Conditions
Limit
Limit
Limit
Unit
Resolution
8
8
8
Bits min
Monotonicity
8
8
8
Bits min
Nonlinearity
NL
±0.1
±0.19
±0.39
% FS max
Output Voltage
VOC
Full-Scale Current
+18
+18
+18
V max
Compliance
Change < 1/2 LSB
–10
–10
–10
V min
Full-Scale Current
IFS4 or
VREF = 10.000 V
2.04
2.04
2.04
mA max
IFS2
R14, R15 = 5.000 k
Ω
1.94
1.94
1.94
mA min
Full-Scale Symmetry
IFSS
±8
±8
±16
µA max
Zero-Scale Current
IZS
24
4
µA max
Output Current Range
IFS1 or
V– = –10 V,
VREF = +15 V
2.1
2.1
2.1
mA min
V– = –12 V,
IFS2
VREF = +25 V
4.2
4.2
4.2
mA min
R14, R15 = 5.000 k
Ω
Logic Input “0”
VIL
0.8
0.8
0.8
V max
Logic Input “1”
VIH
22
2
V min
Logic Input Current
VLC = 0 V
Logic “0”
IIL
VIN = –10 V to +0.8 V
±10
±10
±10
µA max
Logic “1”
IIH
VIN = +2.0 V to +18 V
±10
±10
±10
µA max
Logic Input Swing
VIS
V– = –15 V
+18
+18
+18
V max
–10
–10
–10
V min
Reference Bias Current
I15
–3
–3
–3
µA max
Power Supply
PSSIFS+
V+ = +4.5 V to +18 V
0.01
0.01
0.01
% FS/% V max
Sensitivity
PSSIFS–
V– = –4.5 V to –18 V
IREF = 1.0 mA
Power Supply Current
I+
VS =
±15 V
3.8
3.8
3.8
mA max
IREF
≤ 2.0 mA
–7.8
–7.8
–7.8
µA max
Power Dissipation
PD
VS =
±15 V
174
174
174
mW max
IREF
≤ 2.0 mA
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
(@ VS =
15 V, IREF = 2.0 mA; TA = 25 C, unless otherwise noted. Output characteristics apply to both
IOUT and IOUT.)
WAFER TEST LIMITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com