Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
15
AT8xC51SND1C
4106F–8051–10/02
Special Function
Registers
The Special Function Registers (SFRs) of the AT8xC51SND1 derivatives fall into the
categories detailed in Table 16 through Table 32. The relative addresses of these SFRs
are provided together with their reset values in Table 33. In this table, the bit-address-
able registers are identified by Note 1.
Table 16. C51CoreSFRs
Mnemonic
Add
Name
7
6
5
4
32
10
ACC
E0h
Accumulator
–
–
–
–
–
–
–
–
B
F0h
B Register
–
–––
–
–
–
–
PSW
D0h
Program Status
Word
CY
AC
F0
RS1
RS0
OV
F1
P
SP
81h
Stack Pointer
–
–
–
–
–
–
–
–
DPL
82h
Data Pointer Low
byte
–
–––
–
–
–
–
DPH
83h
Data Pointer High
byte
–
–––
–
–
–
–
Table 17. System Management SFRs
Mnemonic
Add
Name
7
6
5
4
32
10
PCON
87h
Power Control
SMOD1
SMOD0
–
–
GF1
GF0
PD
IDL
AUXR
8Eh
Auxiliary Register 0
–
EXT16
M0
DPHDIS
XRS1
XRS0
EXTRAM
AO
AUXR1
A2h
Auxiliary Register 1
–
–
ENBOOT
–
GF3
0
–
DPS
NVERS
FBh
Version Number
NV7
NV6
NV5
NV4
NV3
NV2
NV1
NV0
Table 18. PLL and System Clock SFRs
Mnemonic
Add
Name
7
6
5
4
32
10
CKCON
8Fh
Clock Control
–
–
–
–
–
–
–
X2
PLLCON
E9h
PLL Control
R1
R0
–
–
PLLRES
–
PLLEN
PLOCK
PLLNDIV
EEh
PLL N Divider
–
N6
N5
N4
N3
N2
N1
N0
PLLRDIV
EFh
PLL R Divider
R9
R8R7R6
R5
R4R3
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com