Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG301AMIL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG301AMIL
Description  CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG301AMIL Datasheet(HTML) 4 Page - Vishay Siliconix

  DG301AMIL Datasheet HTML 1Page - Vishay Siliconix DG301AMIL Datasheet HTML 2Page - Vishay Siliconix DG301AMIL Datasheet HTML 3Page - Vishay Siliconix DG301AMIL Datasheet HTML 4Page - Vishay Siliconix DG301AMIL Datasheet HTML 5Page - Vishay Siliconix DG301AMIL Datasheet HTML 6Page - Vishay Siliconix DG301AMIL Datasheet HTML 7Page - Vishay Siliconix DG301AMIL Datasheet HTML 8Page - Vishay Siliconix DG301AMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG300A_MIL/301A_MIL/302A_MIL
Vishay Siliconix
www.vishay.com
4
Document Number: 71677
S-31622—Rev. C, 11-Aug-03
SPECIFICATIONSa
Test Conditions Unless Specified
Limits
Parameter
Symbol
V+ = 15 V, V - = - 15 V
VIN = 0.8 V or VIN = 4 Vf
Tempb
Minc
Typd
Maxc
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
-15
15
V
Drain-Source On-Resistance
rDS(on)
VD = "10 V, IS = -10 mA
Room
Full
30
50
75
W
Source Off Leakage Current
IS(off)
VS = "14 V VD = #14 V
Room
Hot
-1
- 100
"0.1
1
100
Drain Off Leakage Current
ID(off)
VS = "14 V, VD = #14 V
Room
Hot
-1
- 100
"0.1
1
100
nA
Drain On Leakage Current
ID(on)
VD = VS = "14 V
Room
Hot
-1
- 100
"0.1
1
100
Digital Control
Input Current with
IINH
VIN = 5 V
Room
Full
-1
-1
- 0.001
Input Current with
Input Voltage High
IINH
VIN = 15 V
Room
Full
0.001
1
1
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Room
Full
-1
-1
- 0.001
Dynamic Characteristics
Turn-On Time
tON
See Figure 2
Room
150
300
Turn-Off Time
tOFF
See Figure 2
Room
130
250
ns
Break-Before-Make Time
tOPEN
DG301A_MIL Only
Figure 3
Room
50
ns
Charge Injection
Q
CL = 1 nF, Rgen = 0 W
Vgen = 0 V, Figure 4
Room
8
pC
Source-Off Capacitance
CS(off)
Room
14
Drain-Off Capacitance
CD(off)
VS, VD = 0 V, f = 1 MHz
Room
14
Channel-On Capacitance
CD(on)
S,
D
0,
Room
40
pF
Input Capacitance
Ci
f = 1 MHz
VIN = 0 V
Room
6
p
Input Capacitance
Cin
f = 1 MHz
VIN = 15 V
Room
7
Off-Isolation
OIRR
VIN = 0 V, RL = 1 kW
Room
62
dB
Crosstalk (Channel-to-Channel)
XTALK
VIN = 0 V, RL = 1 kW
VS = 1 Vrms, f = 500 kHz
Room
74
dB
Power Supplies
Positive Supply Current
I+
VIN = 4 V (One Input)
Room
Full
0.23
0.5
1
mA
Negative Supply Current
I-
VIN = 4 V (One Input)
All Others = 0 V
Room
Full
-10
- 100
- 0.001
Positive Supply Current
I+
VIN = 0 8 V (All Inputs)
Room
Full
0.001
10
100
mA
Negative Supply Current
I-
VIN = 0.8 V (All Inputs)
Room
Full
-10
- 100
- 0.001
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com