Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG302AMIL Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG302AMIL
Description  CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG302AMIL Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG302AMIL Datasheet HTML 2Page - Vishay Siliconix DG302AMIL Datasheet HTML 3Page - Vishay Siliconix DG302AMIL Datasheet HTML 4Page - Vishay Siliconix DG302AMIL Datasheet HTML 5Page - Vishay Siliconix DG302AMIL Datasheet HTML 6Page - Vishay Siliconix DG302AMIL Datasheet HTML 7Page - Vishay Siliconix DG302AMIL Datasheet HTML 8Page - Vishay Siliconix DG302AMIL Datasheet HTML 9Page - Vishay Siliconix DG302AMIL Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DG300A_MIL/301A_MIL/302A_MIL
Vishay Siliconix
www.vishay.com
6
Document Number: 71677
S-31622—Rev. C, 11-Aug-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
"10
Supply Current vs. Temperature
Leakage vs. Temperature
Switching Time vs. Power Supply Voltage
Off Isolation and Crosstalk vs. Frequency
Supply Curents vs. Switching Frequency
Temperature (
_C)
f - Frequency (Hz)
f - Frequency (Hz)
Temperature (
_C)
Supply Voltage (V)
- 55
- 35
- 15
5
25
45
65
85
105
125
500
400
300
200
100
0
- 100
I+
I-
- 55
- 35
- 15
5
25
45
65
85
105
125
V+ = 15 V
V - = - 15 V
VS, VD = "14 V
10 pA
ID(on)
ID(off) or IS(off)
100 pA
1 nA
10 nA
100 nA
- 120
-20
10 k
100 k
1 M
10 M
V+ = +15 V
V - = - 15 V
RL= 50 W
Crosstalk
Off Isolation
- 100
-80
-60
-40
15
0
+I
-I
V+ = 15 V
V - = - 15 V
5
10
1 k
10 k
100 k
1 M
400
350
300
250
200
150
100
50
0
tOFF
tON
"12
"14
"16
"18
"20
"22
Switching Time vs. Temperature
Temperature (
_C)
-55
400
350
300
250
200
150
100
50
- 35
- 15
5
25
45
65
85
105
125
0
tOFF
tON
V+ = 15 V
V - = - 15 V
VS = 3 V
V+ = 15 V
V - = - 15 V
VIN = 4 V (One Input)
(All Other = 0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com