Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FES16XT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FES16XT
Description  Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FES16XT Datasheet(HTML) 1 Page - Vishay Siliconix

  FES16XT Datasheet HTML 1Page - Vishay Siliconix FES16XT Datasheet HTML 2Page - Vishay Siliconix FES16XT Datasheet HTML 3Page - Vishay Siliconix FES16XT Datasheet HTML 4Page - Vishay Siliconix FES16XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FES16xT, FESF16xT, FESB16xT
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
1
Document Number: 88599
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Plastic Rectifier
FEATURES
• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C (for TO-263AB package)
• Solder dip 275 °C max. 10 s, per JESD 22-B106
(for TO-220AC and ITO-220AC package)
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power supplies, inverters, freewheeling diodes, DC/DC
converters, and other power switching application.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)
16 A
VRRM
50 V to 600 V
IFSM
250 A
trr
35 ns, 50 ns
VF
0.975 V, 1.30 V, 1.50 V
TJ max.
150 °C
Package
TO-220AC, ITO-220AC,
TO-263AB
Diode variations
Single die
TO-263AB
CASE
PIN 2
PIN 1
TO-220AC
ITO-220AC
PIN 1
PIN 2
K
HEATSINK
1
2
1
2
K
FES16xT Series
FESF16xT Series
FESB16xT Series
PIN 2
PIN 1
1
2
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FES
16AT
FES
16BT
FES
16CT
FES
16DT
FES
16FT
FES
16GT
FES
16HT
FES
16JT
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward
rectified current at TC = 100 °C
IF(AV)
16
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
250
A
Operating storage and temperature range
TJ, TSTG
-65 to +150
°C
Isolation voltage (ITO-220AC only)
from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - FES16XT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FES16XT VISHAY-FES16XT Datasheet
140Kb / 5P
Ultrafast Plastic Rectifier
28-Jun-2019
FES16XT VISHAY-FES16XT_V01 Datasheet
140Kb / 5P
Ultrafast Plastic Rectifier
28-Jun-2019
More results

Similar Description - FES16XT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
logo
Sangdest Microelectroni...
ER3JA SMC-ER3JA Datasheet
219Kb / 6P
ULTRAFAST PLASTIC RECTIFIER
MUR530AX SMC-MUR530AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860 SMC-MUR860 Datasheet
207Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860AX SMC-MUR860AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com