Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHA-L37AN1-R02-L1 Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # EHA-L37AN1-R02-L1
Description  Thermal Energy Harvesting Demo Unit Water to Air
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

EHA-L37AN1-R02-L1 Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  EHA-L37AN1-R02-L1 Datasheet HTML 1Page - II-VI Marlow, Inc. EHA-L37AN1-R02-L1 Datasheet HTML 2Page - II-VI Marlow, Inc. EHA-L37AN1-R02-L1 Datasheet HTML 3Page - II-VI Marlow, Inc. EHA-L37AN1-R02-L1 Datasheet HTML 4Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EHA-L37AN1-R02-L1 or EHA-L50AN1-R02-L1
DOC # 102-0390 REV 3 - PAGE 2 OF 4
MECHANICAL DRAWING
Dimensions are in Millimeters
INSTALLATION:
Assembly should be mounted to hot fluid line using the
provided mounting brackets and M 3
bolts with a
maximum torque of 5.0 in-lbs. A layer of graphite has
been adhered to the pipe mounting surface on the EHA-
LXXAN1-R02-L1 to ensure a good thermal contact
between the mounting pipe and the EHA assembly.
Performance will vary greatly with ambient conditions.
For best results, insulate the fluid line feeding into the
assembly and mount assembly in ideal orientation as
shown.
During installation, observe precautions for
handling electrostatic sensitive devices.
CONTENTS:
1 EHA-LXXAN1-R02-L1 Assembly, 1
Wire Harness
OPERATION CAUTIONS:
For maximum reliability, continuous operation below
85°C is recommended. Do not attempt to disassemble
without contacting a Marlow engineer. Doing so could
result in permanent damage to the TG or other system
components.
IMPORTANT NOTE:
Output from the EHA-LXXAN1-R02-L1 is strongly a
function of heat source, ambient temperature, and
electrical load downstream of the converter.
Data
given on this sheet is representative of typical system
performance under steady-state flow and thermal
conditions and is intended for selecting the appropriate
EH series assembly. The data should not be taken as
comprehensive or representative of every operating
condition.
For further information about or questions
regarding the EHA-LXXAN1-R02-L1, please contact a
Marlow applications engineer.
AVAILABLE MODIFICATIONS
Marlow can custom design the EH system to maximize power
output, or to meet size, form factor, or temperature
constraints for any thermal energy harvesting application. In
special cases, Marlow can customize units to accommodate
alternating temperature difference or a reverse temperature
difference. Contact an application engineer for more
information.
A
(mm)
B
(mm)
Model Number
9.5
41.0
EHA-L37AN1-R02-L1
12.7
44.0
EHA-L50AN1-R02-L1
Ideal Orientation
Good Orientation
Acceptable Orientation
Poor Orientation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com