Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHA-L50L50-R01-L1 Datasheet(PDF) 3 Page - II-VI Marlow, Inc.

Part # EHA-L50L50-R01-L1
Description  Thermal Energy Harvesting Demo Unit Water to Water
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

EHA-L50L50-R01-L1 Datasheet(HTML) 3 Page - II-VI Marlow, Inc.

  EHA-L50L50-R01-L1 Datasheet HTML 1Page - II-VI Marlow, Inc. EHA-L50L50-R01-L1 Datasheet HTML 2Page - II-VI Marlow, Inc. EHA-L50L50-R01-L1 Datasheet HTML 3Page - II-VI Marlow, Inc. EHA-L50L50-R01-L1 Datasheet HTML 4Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EHA-L37L37-R01-L1 or EHA-L50L50-R01-L1
DOC # 102-0389 REV 3 - PAGE 3 OF 4
Vout OPTIONS
GND1 (PIN 2), GND2 (PIN 4)
Ground pin.
VLDO (PIN 3)
Output of the 2.2V Low Drop Out (LDO). The LTC3108
includes a low current LDO to provide a regulated 2.2V output
for powering low power processors and other low power ICs.
The LDO output is current limited to 4mA.
PGD (PIN 5)
Power good output that monitors the VOUT voltage. The PGD
output is designed to drive a microprocessor or other chip I/O
and is not intended to drive a higher current load such as an
LED. When VOUT is within 7.5% of its programmed value, PGD
will be pulled up to VLDO through a 1MΩ resistor. If VOUT
drops 9% below its programmed value PGD will go low.
VSTORE (PIN 6)
Output for the storage capacitor or battery.
The VSTORE
output can be used to charge a large storage capacitor or
rechargeable battery. The storage element on VSTORE can
be used to power the system in the event that the input
source is lost or is unable to provide the current demanded by
VOUT and LDO output. A large capacitor may be connected
from this pin to GND for powering the system in the event the
input voltage is lost. It will be charged up to 5.25V. Note
that it may take a long time to charge a larger capacitor,
depending on the input energy available and the loading on
VOUT and VLDO. Since the maximum current from VSTORE is
limited to a few milliamps, it can safely be used to trickle-
charge NiCd or NiMH rechargeable batteries for energy
storage when the input voltage is lost. Note that the VSTORE
capacitor cannot supply large pulse currents to VOUT. Any
pulse load on VOUT must be handled by the VOUT capacitor. If
not used, this pin should be left open.
THOT, TCOLD (PINS 7-10)
Thermistor leads for hot side and cold side TEG temperatures.
The temperature readings from the on-board thermistors
monitor the hot side and cold side of the embedded TEG. In
application, these temperatures will be different than the
source and sink temperatures used to define the system
temperature difference included in the performance plot. The
following figure shows how thermal resistance on either side
of the TEG can affect temperatures. It is recommended that
the
user
place
and
monitor
external
thermocouples/thermisters/RTD’s on both the heat source
and heat sink (or ambient conditions) in addition to
monitoring the on-board thermistors.
Manufacturer: GE Industrial Sensing (Thermometrics)
PN: A040A-UBCF16XF103X-A
Resistance at 25°C: 10 KOhm +/- 0.20%
β 25/100: 3992 K +/- 1%

 
298
3992
3992
ln 10
298
ln 10
KK
T
K
kR
K
kR





where R is the resistance of the thermistor that you want to
measure and T is the temperature of the thermistor.
APPLICATION NOTES
VOUT and VSTORE Capacitor
For pulsed load applications, the VOUT capacitor should be
sized to provide the necessary current when the load is
pulsed on. The capacitor value required will be dictated by
the load current, the duration of the load pulse, and the
amount of voltage drop the circuit can tolerate. The capacitor
must be rated for the voltage selected for VOUT by VS1 and
VS2.

  

Load
Pulse
out
OUT
ImA t
ms
CF
VV
∆ VOUT is the maximum allowable voltage drop on VOUT. Note
that there must be enough energy available from the input
voltage source for VOUT to recharge the capacitor during the
interval between load pulses. Reducing the duty cycle of the
VS1
VS2
VOUT
GND
GND
2.35V
VAUX
GND
3.3V
GND
VAUX
4.1V
VAUX
VAUX
5V
Converter
VSTORE
VLDO
VOUT
PGD
GND
+
+
+
µP
SENSORS
RF LINK
TEG
220µF
2.2µF
CUSTOMER
ADDITION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com