Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-P013WST2 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTPL-P013WST2
Description  High Power LED - 1W, 3W, and 5W
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P013WST2 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTPL-P013WST2 Datasheet HTML 1Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Power LED - 1W, 3W, and 5W
Parts are available in tubes and in tape and reel (500 pcs reel). MCPCB version is shipped in trays in box.
Detail specification is available upon request.
Features highlight -
Applications -
High brightness output
Architectural lighting
High current drive up to 1000 mA
Small area landscape lighting
Low thermal resistance
Mood lights, Decorative lights
Long operating life, Fast response
Exit signs, Emergency lights
120 degree viewing angle
Channel letters, Store signs and displays
Match existing Power LED footprint
Portable flash lights
MCPCB assembly available
LITE-ON, INC.
Austin, TX
512-835-6052
www.us.liteon.com
Chicago, IL
262-862-9451
ALL RIGHTS RESERVED
December 2008
Product Announcement
Optoelectronics Division


Similar Part No. - LTPL-P013WST2

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-P013WST1 LITEON-LTPL-P013WST1 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
More results

Similar Description - LTPL-P013WST2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-B03LS EVERLIGHT-EHP-B03LS Datasheet
327Kb / 10P
High Power LED - 5W
logo
Zetex Semiconductors
DN85 ZETEX-DN85 Datasheet
162Kb / 6P
ZXSC400 1W/3W buck LED drivers
logo
Lite-On Technology Corp...
LTPL-P011MS LITEON-LTPL-P011MS Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P011WS57 LITEON-LTPL-P011WS57 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P013MSS0 LITEON-LTPL-P013MSS0 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P013NSS0 LITEON-LTPL-P013NSS0 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P013NST2 LITEON-LTPL-P013NST2 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P013WST1 LITEON-LTPL-P013WST1 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
LTPL-P014NST1 LITEON-LTPL-P014NST1 Datasheet
159Kb / 1P
High Power LED - 1W, 3W, and 5W
logo
ON Semiconductor
TND373 ONSEMI-TND373 Datasheet
410Kb / 14P
1W to 5W LED Driver for MR16 LED
Rev.0, Oct-2009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com