Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DHF-RAA20-233NB-FA Datasheet(PDF) 3 Page - DDK Ltd.

Part # DHF-RAA20-233NB-FA
Description  Half Pitch Low Profile Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DHF-RAA20-233NB-FA Datasheet(HTML) 3 Page - DDK Ltd.

  DHF-RAA20-233NB-FA Datasheet HTML 1Page - DDK Ltd. DHF-RAA20-233NB-FA Datasheet HTML 2Page - DDK Ltd. DHF-RAA20-233NB-FA Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit:mm
DHF Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ Right Angle Receptacle
Part Number
Number of
Contact
A
B
C
E
F
G
I
J
DHF-RAA10- □□□ NB-FA
10
17.08
10.50
22.75
5.08
12.70
11.60
8.89
12.67
DHF-RAA20- □□□ NB-FA
20
23.43
16.85
29.10
11.43
19.05
17.95
15.24
19.02
Mounting Style
1: M2X0.4 Tapped Ground Tab
3: Board Lock(PCB Thickness1.6)
Mating Style
R: Receptacle
Connector Style
AA: Right Angle DIP
Panel Mounting Screw
B: Lock Screw, Panel Thickness0.6±0.05 〜 0.8±0.05
Tail Cover
N: Less Cover
FA: Lead Free
3
DHF-RAA10-131NB-FA
Contact Plating
1 Contact Area: Au(0.76 μ m) over Ni Plating
  Tail Area: Sn-Ag Plating
2 Contact AREA: Au(0.25 μ m) over Ni Plating
  Tail Area: Sn-Ag Plating
3 Contact Area: Au(Flash) over Ni Plating
 Tail Area: Sn-Ag Plating
Applicable PCB Thickness
1: 0.8±0.1 〜 1.0±0.1
2: 1.6±0.19 
Number of Contact
10, 20
A
B
C
17.02
4.205
Panel
Locator Pin
Lock Screw
Φ4
E
F
F0.05
Location Hole
A0.05
A0.1
J0.1
G0.1
40.1
0.8 0.1∼1.0 0.1
Φ0.7
+0.1
0
Φ2.4
+0.2
0
20
0
-2
R1.250.1
PCB Edge
(Interface Side)
Pattern
Φ2.20.05 Hole
Φ0.7
+0.1
0
3.810.05
No.1 Contact
I0.08
1.270.08
(E)
1.27
PCB Mounting Dimensions
Panel Cut-out Dimensions
(Panel Thickness:0.70.15)
(View from Mounting Side)
17.02
4.205
Panel
Lock Screw
DHF-RAA□□-1□□NB-FA
1.6 0.19
(PCB Thickness:1) (PCB Thickness:2)
DHF-RAA□□-2□□NB-FA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com