Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS84329AVLFT Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS84329AVLFT
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84329AVLFT Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS84329AVLFT Datasheet HTML 11Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 12Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 13Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 14Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 15Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 16Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 17Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 18Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 19Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
84329AV
www.icst.com/products/hiperclocks.html
REV. D DECEMBER 15, 2004
16
Integrated
Circuit
Systems, Inc.
ICS84329
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PACKAGE OUTLINE - V SUFFIX FOR 28 LEAD PLCC
N
O
I
T
A
I
R
A
V
C
E
D
E
J
S
R
E
T
E
M
I
L
L
I
M
N
I
S
N
O
I
S
N
E
M
I
D
L
L
A
L
O
B
M
Y
SM
U
M
I
N
I
MM
U
M
I
X
A
M
N
8
2
A
9
1
.
47
5
.
4
1
A
9
2
.
25
0
.
3
2
A
7
5
.
11
1
.
2
b
3
3
.
03
5
.
0
c
9
1
.
02
3
.
0
D
2
3
.
2
17
5
.
2
1
1
D
3
4
.
1
18
5
.
1
1
2
D
5
8
.
46
5
.
5
E
2
3
.
2
17
5
.
2
1
1
E
3
4
.
1
18
5
.
1
1
2
E
5
8
.
46
5
.
5
TABLE 10A. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MS-018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com