Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS93722 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS93722
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93722 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS93722 Datasheet HTML 1Page - Integrated Circuit Systems ICS93722 Datasheet HTML 2Page - Integrated Circuit Systems ICS93722 Datasheet HTML 3Page - Integrated Circuit Systems ICS93722 Datasheet HTML 4Page - Integrated Circuit Systems ICS93722 Datasheet HTML 5Page - Integrated Circuit Systems ICS93722 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Integrated
Circuit
Systems, Inc.
ICS93722
0539E—07/18/03
Block Diagram
Low Cost DDR Phase Lock Loop Zero Delay Buffer
Pin Configuration
28-Pin SSOP
Recommended Application:
DDR Zero Delay Clock Buffer
Product Description/Features:
Low skew, low jitter PLL clock driver
•I
2C for functional and output control
Feedback pins for input to output synchronization
Spread Spectrum tolerant inputs
3.3V tolerant CLK_INT input
Switching Characteristics:
PEAK - PEAK jitter (66MHz): <120ps
PEAK - PEAK jitter (>100MHz): <75ps
CYCLE - CYCLE jitter (66MHz):<110ps
CYCLE - CYCLE jitter (>100MHz):<65ps
OUTPUT - OUTPUT skew: <100ps
Output Rise and Fall Time: 650ps - 950ps
DUTY CYCLE: 49.5% - 50.5%
Functionality
FB_INT
CLK_INT
CLK_INT
SCLK
SCLK
SDATA
Control
Control
Logic
FB_OUTT
CLKT0
CLKT1
CLKT2
CLKT3
CLKT4
CLKT5
CLKC0
CLKC1
CLKC2
CLKC3
CLKC4
CLKC5
PLL
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
AT
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
F
V
5
.
2
)
m
o
n
(
LL
H
L
n
o
V
5
.
2
)
m
o
n
(
HH
L
H
n
o
V
5
.
2
)
m
o
n
(
z
H
M
0
2
<Z
Z
Z
f
f
o
CLKC0
CLKT0
VDD
CLKT1
CLKC1
GND
SCLK
CLK_INT
N/C
VDDA
GND
VDD
CLKT2
CLKC2
GND
CLKC5
CLKT5
CLKC4
CLKT4
VDD
SDATA
N/C
FB_INT
FB_OUTT
N/C
CLKT3
CLKC3
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Similar Part No. - ICS93722

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
logo
Renesas Technology Corp
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
logo
Integrated Circuit Syst...
ICS93725YFT ICST-ICS93725YFT Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
logo
Renesas Technology Corp
ICS93725YFT RENESAS-ICS93725YFT Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
More results

Similar Description - ICS93722

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
93722 RENESAS-93722 Datasheet
240Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
REV G 10/05/10
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com