Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6044IM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6044IM/NOPB
Description  CMOS Quad Micropower Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6044IM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC6044IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 9Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 10Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 11Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LMC6044
SNOS612D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VS = ±7.5V, TA = 25°C unless otherwise specified
Non-Inverting Slew
Rate
vs
Inverting Slew Rate
Temperature
vs Temperature
Figure 19.
Figure 20.
Non-Inverting Large
Signal Pulse Response
Non-Inverting Small
(AV = +1)
Signal Pulse Response
Figure 21.
Figure 22.
Inverting Large-Signal
Inverting Small Signal
Pulse Response
Pulse Response
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com