Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS042G Datasheet(PDF) 2 Page - International Rectifier

Part # IPS042G
Description  DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS042G Datasheet(HTML) 2 Page - International Rectifier

  IPS042G Datasheet HTML 1Page - International Rectifier IPS042G Datasheet HTML 2Page - International Rectifier IPS042G Datasheet HTML 3Page - International Rectifier IPS042G Datasheet HTML 4Page - International Rectifier IPS042G Datasheet HTML 5Page - International Rectifier IPS042G Datasheet HTML 6Page - International Rectifier IPS042G Datasheet HTML 7Page - International Rectifier IPS042G Datasheet HTML 8Page - International Rectifier IPS042G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IPS042G
2
www.irf.com
(1) Limited by junction temperature (pulsed current limited also by internal wiring)
(2) Operations at higher switching frequencies is possible. See Appl. notes.
31
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are ref-
erenced to SOURCE lead. (TAmbient = 25
oC unless otherwise specified). PCB mounting uses the standard footprint with 70
µm
copper thickness.
Symbol Parameter
Min.
Max.
Units
Test Conditions
Vds
Maximum drain to source voltage
47
Vin
Maximum input voltage
-0.3
7
Iin, max
Maximum IN current
-10
+10
mA
Isd cont.
Diode max. continuous current (1)
(for all Isd mosfets, rth=125oC/W)
1.2
Isd pulsed Diode max. pulsed current (1)
—3
Pd
Maximum power dissipation
(1)
(for all Pd mosfets, rth=125oC/W)
1
W
ESD1
Electrostatic discharge voltage (Human Body)
4
C=100pF, R=1500
Ω,
ESD2
Electrostatic discharge voltage (Machine Model)
0.5
C=200pF, R=0
Ω, L=10µH
T stor.
Max. storage temperature
-55
150
Tj max.
Max. junction temperature
-40
+150
V
A
kV
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rth1
Thermal resistance with standard footprint
(2 mosfets on)
100
Rth2
Thermal resistance with standard footprint
(1 mosfet on)
125
Rth3
Thermal resistance with 1" square footprint
(2 mosfets on)
65
Thermal Characteristics
oC/W
oC
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol Parameter
Min.
Max.
Units
Vds (max) Continuous Drain to Source voltage
35
VIH
High level input voltage
4
6
VIL
Low level input voltage
0
0.5
Ids
Continuous drain current (both mosfets at this current)
Tamb=85
o
C
TAmbient = 85oC, IN = 5V, rth = 100oC/W, Tj = 125oC
0.53
A
Rin
Recommended resistor in series with IN pin
1
5
k
Tr-in(max) Max recommended rise time for IN signal (see fig. 2)
1
µS
Fr-Isc (2)
Max. frequency in short circuit condition (Vcc = 14V)
0
1
kHz
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com