Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6433 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6433
Description  Digital Media Processor
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6433 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM6433 Datasheet HTML 3Page - Texas Instruments TMS320DM6433 Datasheet HTML 4Page - Texas Instruments TMS320DM6433 Datasheet HTML 5Page - Texas Instruments TMS320DM6433 Datasheet HTML 6Page - Texas Instruments TMS320DM6433 Datasheet HTML 7Page - Texas Instruments TMS320DM6433 Datasheet HTML 8Page - Texas Instruments TMS320DM6433 Datasheet HTML 9Page - Texas Instruments TMS320DM6433 Datasheet HTML 10Page - Texas Instruments TMS320DM6433 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 271 page
background image
TMS320DM6433
Digital Media Processor
www.ti.com
SPRS343C – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-1. Characteristics of the DM6433 Processor
HARDWARE FEATURES
DM6433
DDR2 Memory Controller
(16-/32-bit bus width) [1.8 V I/O]
Asynchronous (8-bit bus width),
Asynchronous EMIF [EMIFA]
RAM, Flash, (8-bit NOR or 8-bit NAND)
EDMA3
1 (64 independent channels, 8 QDMA channels)
2 64-bit General Purpose
Timers
(configurable as 2 64-bit or 4 32-bit)
1 64-bit Watch Dog
UART
1 (with RTS and CTS flow control)
Peripherals
I2C
1 (Master/Slave)
Not all peripherals pins
McBSP
1
are available at the same
time (For more detail, see
McASP
1 (4 serailizers)
the Device Configuration
10/100 Ethernet MAC (EMAC) with
section).
1
Management Data Input/Output (MDIO)
VLYNQ
1
General-Purpose Input/Output Port (GPIO)
Up to 111 pins
PWM
3 outputs
HPI (16-bit)
1
PCI (32-bit), [33-MHz]
1
Configurable Video Port
1 Output (VPBE)
Size (Bytes)
240KB RAM, 64KB ROM
32K-Byte (32KB) L1 Program (L1P) RAM/Cache
(Cache up to 32KB)
On-Chip Memory
Organization
80KB L1 Data (L1D) RAM/Cache (Cache up to 32KB)
128KB Unified Mapped RAM/Cache (L2)
64KB Boot ROM
Revision ID Register (MM_REVID.[15:0])
See the TMS320DM6437/35/33/31 Digital Media
MegaModule Rev ID
(address location: 0x0181 2000)
Processor (DMP) [Silicon Revisions 1.1 and 1.0]
Silicon Errata (literature number SPRZ250).
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
JTAGID register
See Section 6.23.1, JTAG ID (JTAGID) Register
JTAG BSDL_ID
(address location: 0x01C4 0028)
Description(s)
700 (-7)
660 (-Q6)
CPU Frequency(1)(2)
MHz
600 (-6/-L)
500 (-5/-Q5)
400 (-4/-Q4)
2.5 ns (-4/-Q4)
2 ns (-5/-Q5)
Cycle Time(1)(2)
ns
1.67 ns (-6/-L)
1.51 ns (-Q6)
1.43 ns (-7)
1.2 V
(-7/ -6/-5/ -4/-L/-Q6/-Q5/-Q4)
Core (V)
Voltage
1.05 V
(-7/-6/-5/-4/-L/-Q5)
I/O (V)
1.8 V, 3.3 V
MXI/CLKIN frequency multiplier
PLL Options
x1 (Bypass), x14 to x 30
(27 MHz reference)
16 x 16 mm, 0.8 mm pitch
361-Pin BGA (ZWT)
BGA Package(s)
23 x 23 mm, 1.0 mm pitch
376-Pin BGA (ZDU)
Process Technology
µm
0.09 µm
(1)
Performance numbers assume core voltage is set to 1.2V
(2)
Applies to "tape and reel" part number counterparts as well. For more information, see Section 2.8, Device and Development-Support
Tool Nomenclature.
Submit Documentation Feedback
Device Overview
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com