Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6015R-010 Datasheet(PDF) 1 Page - API Delevan

Part # 6015R-010
Description  Horizontal PC Power Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

6015R-010 Datasheet(HTML) 1 Page - API Delevan

  6015R-010 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size (60x2)
SERIES
6012R–6017R & 6022R–6027R
6012–6017 & 6022–6027
Horizontal PC Power Transformers
60x2-010
60x2-012
60x2-016
60x2-020
60x2-024
60x2-028
60x2-036
60x2-048
60x2-056
60x2-120
60x3-010
60x3-012
60x3-016
60x3-020
60x3-024
60x3-028
60x3-036
60x3-048
60x3-056
60x3-120
60x4-010
60x4-012
60x4-016
60x4-020
60x4-024
60x4-028
60x4-036
60x4-048
60x4-056
60x4-120
60x5-010
60x5-012
60x5-016
60x5-020
60x5-024
60x5-028
60x5-036
60x5-048
60x5-056
60x5-120
60x6-010
60x6-012
60x6-016
60x6-020
60x6-024
60x6-028
60x6-036
60x6-048
60x6-056
60x6-120
60x7-010
60x7-012
60x7-016
60x7-020
60x7-024
60x7-028
60x7-036
60x7-048
60x7-056
60x7-120
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
UL Certified
Recognized component
Underwriters Labs, Inc.
CSA Labeled
Primary Voltage
Series 6012 - 6017 115 Single
Series 6022 - 6027 115 -
230 Dual
To Order For Single Voltage, insert
numeral 1 for “x” in Part Number listed in tables; for
Dual Voltage,
insert numeral 2 for “x” in Part Number listed in tables.
Operating Frequency 50/60 Hz
Operating Temperature 130° C
2500 V RMS Hipot
Split bobbin non-concentric winding
Dots on schematic indicate like polarity
Note Series 6017 and 6027 – 4 mounting holes
23⁄16 in. x 1
3⁄4 in. for #6 screw
0.220
0.180
0.140
0.110
0.090
0.080
0.060
0.046
0.040
0.020
0.500
0.400
0.300
0.240
0.200
0.170
0.130
0.100
0.090
0.040
1.200
1.000
0.800
0.600
0.500
0.400
0.340
0.250
0.220
0.100
2.400
2.000
1.600
1.200
1.000
0.840
0.700
0.500
0.440
0.200
4.000
3.200
2.500
2.000
1.600
1.400
1.100
0.800
0.700
0.320
7.200
5.700
4.500
3.600
3.000
2.600
2.000
1.500
1.300
0.600
0.110
0.090
0.070
0.055
0.045
0.040
0.030
0.023
0.020
0.010
0.250
0.200
0.150
0.120
0.100
0.085
0.065
0.050
0.045
0.020
0.600
0.500
0.400
0.300
0.250
0.200
0.170
0.125
0.110
0.050
1.200
1.000
0.800
0.600
0.500
0.420
0.350
0.250
0.220
0.100
2.000
1.600
1.250
1.000
0.800
0.700
0.550
0.400
0.350
0.160
3.600
2.850
2.250
1.800
1.500
1.300
1.000
0.750
0.650
0.300
5.0
6.3
8.0
10.0
12.0
14.0
18.0
24.0
28.0
60.0
5.0
6.3
8.0
10.0
12.0
14.0
18.0
24.0
28.0
60.0
5.0
6.3
8.0
10.0
12.0
14.0
18.0
24.0
28.0
60.0
5.0
6.3
8.0
10.0
12.0
14.0
18.0
24.0
28.0
60.0
5.0
6.3
8.0
10.0
12.0
14.0
18.0
24.0
28.0
60.0
5.0
6.3
8.0
10.0
12.0
14.0
18.0
24.0
28.0
60.0
10.0
12.6
16.0
20.0
24.0
28.0
36.0
48.0
56.0
120.
10.0
12.6
16.0
20.0
24.0
28.0
36.0
48.0
56.0
120.
10.0
12.6
16.0
20.0
24.0
28.0
36.0
48.0
56.0
120.
10.0
12.6
16.0
20.0
24.0
28.0
36.0
48.0
56.0
120.
10.0
12.6
16.0
20.0
24.0
28.0
36.0
48.0
56.0
120.
10.0
12.6
16.0
20.0
24.0
28.0
36.0
48.0
56.0
120.
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
2.4
2.4
2.4
2.4
2.4
2.4
2.4
2.4
2.4
2.4
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
12.
12.
12.
12.
12.
12.
12.
12.
12.
12.
20.
20.
20.
20.
20.
20.
20.
20.
20.
20.
36.
36.
36.
36.
36.
36.
36.
36.
36.
36.
60x2
60x3
60x4
60x5
60x6
60x7
in.
1.38
1.38
1.63
1.88
2.25
2.63
mm
34.93
34.93
41.28
47.63
57.15
66.68
in.
1.13
1.13
1.31
1.56
1.88
2.19
mm
28.58
28.58
33.34
39.69
47.63
55.56
in.
0.94
1.19
1.31
1.44
1.44
1.56
mm
23.81
30.16
33.34
36.51
36.51
39.69
in.
0.25
0.25
0.25
0.30
0.30
0.40
mm
6.35
6.35
6.35
7.62
7.62
10.16
in.
0.25
0.25
0.35
0.40
0.40
0.40
mm
6.35
6.35
8.89
10.16
10.16
10.16
in.
1.20
1.20
1.28
1.41
1.60
1.85
mm
30.48
30.48
32.51
35.81
40.64
46.99
in.
—
—
1.06
1.25
1.50
mm
—
—
26.99
31.75
38.10
none
none
4-40
4-40
4-40
lbs.
0.17
0.25
0.44
0.70
0.80
1.10
grams
77
113
200
317
363
499
L
Physical Parameters & Mounting Information
WH
A
B
C
ML
Screw
Size
Weight
— See Note —
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/27/10 11:53 AM Page 134


Similar Part No. - 6015R-010

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6015 SCHURTER-6015 Datasheet
373Kb / 3P
IEC Appliance Inlet C18, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
logo
List of Unclassifed Man...
6015 ETC2-6015 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Heyco.
6015 HEYCO-6015 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
logo
API Delevan
6015-010 API-6015-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
logo
Schurter Inc.
6015-H-ABC0-D-EG SCHURTER-6015-H-ABC0-D-EG Datasheet
373Kb / 3P
IEC Appliance Inlet C18, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
More results

Similar Description - 6015R-010

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
4766 FILTRAN-4766 Datasheet
82Kb / 1P
Power Transformers Horizontal
logo
API Delevan
6012R-6017R API-6012R-6017R Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6023-036 API-6023-036 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6024-020 API-6024-020 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6014R-010 API-6014R-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6015-010 API-6015-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6022-010 API-6022-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6022R-010 API-6022R-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6023-010 API-6023-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6023R-010 API-6023R-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com