Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JZX-18FF/ADC2Z2QD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JZX-18FF/ADC2Z2QD
Description  MINIATURE INTERMEDIATE POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JZX-18FF/ADC2Z2QD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JZX-18FF/ADC2Z2QD Datasheet HTML 1Page - List of Unclassifed Manufacturers JZX-18FF/ADC2Z2QD Datasheet HTML 2Page - List of Unclassifed Manufacturers JZX-18FF/ADC2Z2QD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CHARACTERISTICS CURVE
2C(DPDT)
2C(DPDT)
13
7
4
1
4C(4PDT)
3C(3PDT)
14
9
6
3
13
14
7
4
8
5
1
2
9
6
3
3C(3PDT)
13
9
5
10
6
1
2
14
11
7
12
8
3
4
4C(4PDT)
JZX-18FF/
- 4Z4
30
5.3
39
35max.
13.2
0.5
1.2x2.2
2
3.5
14-
0.5
13.2
13.2
4.4
21.5
3.5
5.3
10
13
9
14
11
12
6
2
1
5
3
4
7
8
30
2-
ø3.5
21.5 max.
2.5
6.3
13
9
10
5
6
1
2
14
11
12
7
8
3
4
JZX-18FF/
- 4Z5
PCB Layout
100
5
10
50
100
500
DC resistive load
DC inductive load
0.1
0.5
1
10
5
AC inductive
load
AC resistive load
2
3
1
220VAC
10
50
100
24VDC
500
110VAC
MAXIMUM SWITCHING POWER
LIFE CURVE
Contact Voltage (V)
Contact Current (A)
PCB Layout
Wiring Diagram
2-
ø3.5
14-
ø1.3
11-
ø1.3
8-
ø1.3
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com