Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM40N03 Datasheet(PDF) 1 Page - First Components International

Part # FM40N03
Description  40A 03V N Channel Mosfet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FM40N03 Datasheet(HTML) 1 Page - First Components International

  FM40N03 Datasheet HTML 1Page - First Components International FM40N03 Datasheet HTML 2Page - First Components International FM40N03 Datasheet HTML 3Page - First Components International FM40N03 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APPLICATION
FEATURES
Fast Switching
Simple Drive Requirement
Low Gate Charge
VDSS
RDS(ON) Max.
ID
30V
..17.0m
40A
Low ON Resistance
Low Gate Charge
Peak Current vs Pulse Width Curve
Inductive Switching Curves
PIN CONFIGURATION
SYMBOL
TO-220
Front View
1
23
D
S
G
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain to Source Voltage (Note 1)
VDSS
30
V
Drain to Current
Continuous Tc = 25
, VGS@10V
Continuous Tc = 100
, VGS@10V
Pulsed Tc = 25
, VGS@10V (Note 2)
ID
ID
IDM
40
30
170
A
Gate-to-Source Voltage
Continue
VGS
±20
V
Total Power Dissipation
Derating Factor above 25
PD
.50
0.4
W
W/
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to 175
Single Pulse Avalanche Energy L=144µH,ID=40 Amps
EAS
500
mJ
Maximum Lead Temperature for Soldering Purposes
TL
300
Maximum Package Body for 10 seconds
TPKG
260
Pulsed Avalanche Rating
IAS
60
A
THERMAL RESISTANCE
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
R JC
Junction-to-case
2.5
Water cooled heatsink, PD adjusted for a peak junction
temperature of +175
R JA
Junction-to-ambient
62
/W
1 cubic foot chamber, free air
40A 03V N Channel Mosfet


Similar Part No. - FM40N03

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
FM4000 KEISO-FM4000 Datasheet
1Mb / 21P
FM4000
Sep 2025
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
Glass passivated type
FM4001 FORMOSA-FM4001 Datasheet
77Kb / 2P
Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results

Similar Description - FM40N03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT45N03 UTC-UT45N03 Datasheet
247Kb / 5P
40A, 25V N-CHANNEL POWER MOSFET
UTT40N03 UTC-UTT40N03 Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDPF085N10A FAIRCHILD-FDPF085N10A Datasheet
1Mb / 9P
N-Channel PowerTrench짰 MOSFET 100V, 40A, 8.5mW
logo
Alpha & Omega Semicondu...
AOK40N30 AOSMD-AOK40N30 Datasheet
326Kb / 5P
300V,40A N-Channel MOSFET
logo
Unisonic Technologies
40N15 UTC-40N15 Datasheet
151Kb / 3P
40A, 150V N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
40N10 CHONGQING-40N10 Datasheet
194Kb / 2P
40A mps,100 Volts N-CHANNEL MOSFET
logo
KIA Semiconductor Techn...
40N20A KIA-40N20A Datasheet
277Kb / 5P
40A竊?00V N-CHANNEL MOSFET
KNX9103A KIA-KNX9103A Datasheet
120Kb / 4P
40A, 30V N-CHANNEL MOSFET
KNX9130A KIA-KNX9130A Datasheet
494Kb / 7P
40A竊?00V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com