Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMT2301S Datasheet(PDF) 2 Page - First Components International

Part # FMT2301S
Description  2.6Amps 20 Voltage P - Channel POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMT2301S Datasheet(HTML) 2 Page - First Components International

  FMT2301S Datasheet HTML 1Page - First Components International FMT2301S Datasheet HTML 2Page - First Components International FMT2301S Datasheet HTML 3Page - First Components International FMT2301S Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS=0, ID=-250uA
Breakdown Voltage Temperature Coefficient
BVDSS/ Tj
-
-0.1
-
V/ :
Reference to 25 : , ID=-1mA
Gate Threshold Voltage
VGS(th)
-0.5
-
-
V
VDS= VGS, ID=-250uA
Forward Transconductance
gfs
-
4.4
-
S
VDS=-5.0V, ID=-2.8A
Gate-Source Leakage Current
IGSS
-
-
D100
nA
VGS= D12V
Drain-Source Leakage Current(Tj=25 : )
-
-
-1
uA
VDS=-20V, VGS=0
Drain-Source Leakage Current(Tj=70 : )
IDSS
-
-
-10
uA
VDS=-16V, VGS=0
-
-
130
ID=-2.8A, VGS=-5.0V
Static Drain-Source On-Resistance2
RDS(ON)
-
-
190
m Ł
ID=-2.0A, VGS=-2.8V
Total Gate Charge2
Qg
-
5.2
10
ID=-2.8A
Gate-Source Charge
Qgs
-
1.36
-
nC
VDS=-6.0V
Gate-Drain (“Miller”) Change
Qgd
-
0.6
-
VGS=-5.0V
Turn-on Delay Time2
Td(on)
-
5.2
-
Rise Time
Tr
-
9.7
-
Turn-off Delay Time
Td(off)
-
19
-
Fall Time
Tf
-
29
-
ns
VDS=-15V
ID=-1A
VGS=-10V
RG=6 Ł
RD=15 Ł
Input Capacitance
Ciss
-
295
-
Output Capacitance
Coss
-
170
-
Reverse Transfer Capacitance
Crss
-
65
-
pF
VGS=0V
VDS=-6V
f=1.0MHz
Source-Drain Diode
Forward On Voltage2
VSD
-
-
-1.2
V
IS=-1.6A, VGS=0 Tj=25 :
Continuous Source Current(Body Diode)
IS
-
-
-1
A
VD= VG=0V, VS=-1.2V
Pulsed Source Current (Body Diode) 1
ISM
-
-
-10
A
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board;270 :/w when mounted on min. copper pad.
Characteristics Curve
PARAMETER
SYMBOL
MIN.
TYPE
MAX.
UNIT
TEST CONDITIONS
FMT2301S 2.6Amps 20 Voltage P - Channel POWER MOSFET
ELECTRICAL CHARACTERISTICS(Tj=25C UNLESS OTHERWISE SPECIFIED)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com