Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP7685ER-L/TR Datasheet(PDF) 9 Page - Exar Corporation

Part # SP7685ER-L/TR
Description  1.2A Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7685ER-L/TR Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP7685ER-L/TR Datasheet HTML 5Page - Exar Corporation SP7685ER-L/TR Datasheet HTML 6Page - Exar Corporation SP7685ER-L/TR Datasheet HTML 7Page - Exar Corporation SP7685ER-L/TR Datasheet HTML 8Page - Exar Corporation SP7685ER-L/TR Datasheet HTML 9Page - Exar Corporation SP7685ER-L/TR Datasheet HTML 10Page - Exar Corporation SP7685ER-L/TR Datasheet HTML 11Page - Exar Corporation SP7685ER-L/TR Datasheet HTML 12Page - Exar Corporation SP7685ER-L/TR Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Date: 6/20/06 Rev T
SP7685, 1.2A Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
COMPONENT SELECTION
The input and output capacitors should be
located as close to the V
IN and VOUT pins as
possible to obtain best bypassing, and the
returns should be connected directly to the
P
GND pin or to the thermal pad ground located
under the SP7685. The fly capacitor should
be located as close to the C1 and C2 pins as
possible. See typical circuit layout at the end
of this section for details on the recom-
mended layout.
To obtain low output ripple, a value of 10μF
is recommended for C
OUT.
For output cur-
rents of 500mA to 1.2A, the recommended
C
FC fly capacitor value of 1μF should be
used. Output currents in Flash of 100mA to
400mA can use a 0.47μF C
FC but a minimum
4.7μF C
OUT is still needed.
RESISTOR SELECTION
The sense resistor R
SENSE is determined by
the value needed in the Torch mode for the
desired output current by the equation:
R
SENSE = VFB/ IOUT where VFB = 50mV (Torch
Mode)
Once the R
SENSE resistor has been selected
for Torch mode, the V
FB voltage can be
selected for Flash mode using the following
equation:
V
FB = IOUT * RSENSE (Flash Mode) where IOUT is
for Flash Mode.
The SP7685 charge pump circuit requires
three capacitors: 10μF input, 10μF output
and 1μF fly capacitor are typically recom-
mended. For the input capacitor, a value of
10μF will help reduce input voltage ripple for
applications sensitive to ripple on the battery
voltage. All the capacitors should be sur-
face mount ceramic for low lead inductance
necessary at the 2.4MHz switching frequency
of the SP7685 and to obtain low ESR, which
improves bypassing on the input and output
and improves output voltage drive by reduc-
ing output resistance. Ceramic capacitors
with X5R or X7R temperature grade are
recommended for most applications. A se-
lection of recommended capacitors is in-
cluded in Table 1 below.
Table 1: Recommended Capacitors
Next, the R
SET resistor can be selected for
Flash mode using the following equation:
R
SET =
(
VFB )* 5 Ω (Flash Mode)
14uA
For an example of 200mA Torch mode and
700mA Flash mode, the values R
SENSE =
0.22Ω, V
FB = 155mV (Flash Mode), and RSET
=56KΩ are calculated. The power obtained
in the Flash mode would be:
P
FLASH = VFB
*IOUT = 155mV*700mA = 109mW.
The typical 0603 surface mount resistor is
rated 1/10 Watt continuous power and 1/5
Manufacturer's Website
Part Number
Capacitance/
Voltage
CapacitorSize/
Type/Thickness
ESR
@100kHz
TDK: www.tdk.com
C1005X5R0J105M
1uF/6.3V
0402/X5R/0.5mm
0.03
TDK: www.tdk.com
C1608X5R0J475K
4.7uF/6.3V
0603/X5R/0.9mm
0.02
TDK: www.tdk.com
C2012X5R0J106M
10uF/6.3V
0805/X5R/1.35mm
0.02
Murata: www.murata.com
GRM155R60J105KE19B
1uF/6.3V
0402/X5R/0.55mm
0.03
Murata: www.murata.com
GRM188R60J475KE19
4.7uF/6.3V
0603/X5R/0.9mm
0.02
Murata: www.murata.com
GRM21BR60J106KE19L
10uF/6.3V
0805/X5R/1.35mm
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com