Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT8884C Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8884C
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8884C Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8884C Datasheet HTML 17Page - Richtek Technology Corporation RT8884C Datasheet HTML 18Page - Richtek Technology Corporation RT8884C Datasheet HTML 19Page - Richtek Technology Corporation RT8884C Datasheet HTML 20Page - Richtek Technology Corporation RT8884C Datasheet HTML 21Page - Richtek Technology Corporation RT8884C Datasheet HTML 22Page - Richtek Technology Corporation RT8884C Datasheet HTML 23Page - Richtek Technology Corporation RT8884C Datasheet HTML 24Page - Richtek Technology Corporation RT8884C Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
RT8884C
21
DS8884C-00 July 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VIMON vs. Load Current
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
Load Current (A)
VIN = 12V, TSEN Sweep from 1.7V to 2.1V
Time (10ms/Div)
CORE VR Thermal Monitoring
TSEN
(1V/Div)
VR_HOT
(1V/Div)
VIN = 12V, VID = 1.6V to 1.85V, Slew Rate = Fast
Time (10
μs/Div)
CORE VR Dynamic VID Up
VCLK
(2V/Div)
VDIO
(2V/Div)
ALERT
(2V/Div)
VCORE
(1V/Div)
VIN = 12V, VID = 1.85V to 1.6V, Slew Rate = Fast
Time (10
μs/Div)
CORE VR Dynamic VID Down
VCLK
(2V/Div)
VDIO
(2V/Div)
ALERT
(2V/Div)
VCORE
(1V/Div)
VIN = 12V, VID = 1.7V, PS2 to PS0, ILOAD = 0.6A
Time (100
μs/Div)
CORE VR Mode Transient
VCLK
(1V/Div)
UGATE1
(20V/Div)
LGATE1
(10V/Div)
VCORE
(50mV/Div)
VIN = 12V, VID = 1.7V, PS0 to PS2, ILOAD = 0.6A
Time (100
μs/Div)
CORE VR Mode Transient
VCLK
(1V/Div)
UGATE1
(20V/Div)
LGATE1
(10V/Div)
VCORE
(50mV/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com