| Electronic Components Datasheet Search |
|
56F8322 Datasheet(PDF) 13 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
56F8322 Datasheet(HTML) 13 Page - Motorola, Inc |
|
13 / 136 page ![]() Product Documentation 56F8322 Technical Data, Rev. 10.0 Freescale Semiconductor 13 Preliminary 1.5 Product Documentation The documents listed in Table 1-3 are required for a complete description and proper design with the 56F8322 and 56F8122 devices. Documentation is available from local Freescale distributors, Freescale semiconductor sales offices, Freescale Literature Distribution Centers, or online at http://www.freescale.com/semiconductors/. Table 1-3 Chip Documentation 1.6 Data Sheet Conventions This data sheet uses the following conventions: Topic Description Order Number DSP56800E Reference Manual Detailed description of the 56800E family architecture, 16-bit hybrid controller core processor, and the instruction set DSP56800ERM 56F8300 Peripheral User Manual Detailed description of peripherals of the 56800E family of devices MC56F8300UM 56F8300 SCI/CAN Bootloader User Manual Detailed description of the SCI/CAN Bootloaders 56F8300 family of devices MC56F83xxBLUM 56F8322/56F8122 Technical Data Sheet Electrical and timing specifications, pin descriptions, and package descriptions (this document) MC56F8322 Product Brief Summary description and block diagram of the device core, memory, peripherals and interfaces MC56F8322PB MC56F8122PB Errata Details any chip issues that might be present MC56F8322E MC56F8122E OVERBAR This is used to indicate a signal that is active when pulled low. For example, the RESET pin is active when low. “asserted” A high true (active high) signal is high or a low true (active low) signal is low. “deasserted” A high true (active high) signal is low or a low true (active low) signal is high. Examples: Signal/Symbol Logic State Signal State Voltage1 1. Values for VIL, VOL, VIH, and VOH are defined by individual product specifications. PIN True Asserted VIL/VOL PIN False Deasserted VIH/VOH PIN True Asserted VIH/VOH PIN False Deasserted VIL/VOL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |