Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33981PNA/R2 Datasheet(PDF) 11 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button PC33981PNA/R2 Datasheet HTML 7Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 8Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 9Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 10Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 11Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 12Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 13Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 14Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33981
11
Functional Diagrams
Figure 3. Overtemperature on Output
EN
CONF
INHS
High Side ON
High Side OFF
INLS
OUT
Thermal Shutdown on OUT
GLS
FS
TEMP
Thermal Shutdown on OUT
High Side ON
Thermal Shutdown on OUT
High Side OFF
Temperature
OUT
TSD
TSD
Hysteresis
Hysteresis
Thermal Shutdown on OUT
Thermal Shutdown on OUT
0V
5.0 V
0V
0V
5.0 V
0V
Low Side ON
Thermal Shutdown
on OUT
Thermal Shutdown
on OUT
0V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com