Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB0FS12A-AD-BA Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # STB0FS12A-AD-BA
Description  STB0FS12A - Mid-Power LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STB0FS12A-AD-BA Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button STB0FS12A-AD-BA Datasheet HTML 9Page - Seoul Semiconductor STB0FS12A-AD-BA Datasheet HTML 10Page - Seoul Semiconductor STB0FS12A-AD-BA Datasheet HTML 11Page - Seoul Semiconductor STB0FS12A-AD-BA Datasheet HTML 12Page - Seoul Semiconductor STB0FS12A-AD-BA Datasheet HTML 13Page - Seoul Semiconductor STB0FS12A-AD-BA Datasheet HTML 14Page - Seoul Semiconductor STB0FS12A-AD-BA Datasheet HTML 15Page - Seoul Semiconductor STB0FS12A-AD-BA Datasheet HTML 16Page - Seoul Semiconductor STB0FS12A-AD-BA Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.seoulsemicon.com
Product Data Sheet
STB0FS12A - Mid-Power LED
13
Rev.00, March 1, 2014
Emitter Tape & Reel Packaging
( Tolerance: ±0.2, Unit: mm )
(1) Quantity : Max. 3,000pcs/reel.
(2) Cumulative tolerance : Cumulative tolerance/10 pitches to be ±0.2mm.
(3) Adhesion strength of cover tape : Adhesion strength to be 0.1~0.7N when the cover tape is
turned off from the carrier tape at the angle of 10º to the carrier tape.
(4) Package : P/N, Manufacturing data code No. and Quantity to be indicated
on a damp proof package.
Notes :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com