Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9460WSC Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9460WSC
Description  Switch-Mode Single Cell Li-Ion Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9460WSC Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9460WSC Datasheet HTML 9Page - Richtek Technology Corporation RT9460WSC Datasheet HTML 10Page - Richtek Technology Corporation RT9460WSC Datasheet HTML 11Page - Richtek Technology Corporation RT9460WSC Datasheet HTML 12Page - Richtek Technology Corporation RT9460WSC Datasheet HTML 13Page - Richtek Technology Corporation RT9460WSC Datasheet HTML 14Page - Richtek Technology Corporation RT9460WSC Datasheet HTML 15Page - Richtek Technology Corporation RT9460WSC Datasheet HTML 16Page - Richtek Technology Corporation RT9460WSC Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13
DS9460-04 August 2017
www.richtek.com
RT9460
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Fast-Charge Mode and Settings
As the BAT pin rises above VPREC, the charger enters
fast-charge mode and starts charging. Notice that the
MUIC integrates input power source (AC adapter or USB
input) detection. Thus, the switching charger can set the
charge current by option automatically. Unlike the linear
charger (LDO), the switching charger (Buck converter) is
a current amplifier. The current drawn by the switching
charger is different from the current into the battery.
The user can set the Average Input Current Regulation
(AICR) and output charge current (ICHRG) respectively.
Cycle-by-Cycle Current Limit
The charger of the RT9460 has an embedded cycle-by-
cycle current limit for inductor. Once the inductor current
touches the threshold (4.5A typ.), the charger stops
charging immediately to prevent over current from
damaging the device. Notice that, the mechanism can not
be disabled by any way.
Average Input Current Regulation (AICR)
The AICR setting is controlled by I2C. The AICR100 mode
limits the input current to 100mA. The AICR500 mode
limits the input current to 500mA. If the application does
not need input current limit, it can be disabled also. The
AICR levels programmed by I2C and suitable for USB port
and several TA types.
Charge Current (ICHG)
The charge current into the battery is determined by the
power path sensing RON and ICC setting by I2C. The
voltage between the SYS and BAT pins is regulated to
the voltage control by ICC setting. (ICC x RON, RON: power
path RON)
At RT9460, the RON is 35m
Ω and the Fast-Charge currents
is set by the I2C interface from 1.25A to 3.125A per
125mA.
Constant Voltage Mode and Settings
The RT9460 enters constant voltage mode when the BATS
voltage is close to the output-charge voltage (VOREG). In
this mode, the charge current begins to decrease. For
default settings (charge current termination is disabled),
the RT9460 does not turn off and always regulates the
battery voltage at VOREG. However, once the charge
current termination is enabled, the charger terminates if
the charge current is below termination current (IEOC) in
constant-voltage mode. The charge current termination
function is controlled by the I2C interface.
After termination, a new charge cycle restarts when one
of the following conditions is detected :
The BATS pin voltage falls below the VOREG - VRECH
threshold.
VIN Power On Reset (POR).
CHG_EN bit toggle or RST bit is set (via I2C interface).
Output Charge Voltage (VOREG)
The output-charge voltage is set by the I2C interface from
3.5V to 4.62V per 25mV. The default value is 4V (011001).
Termination Current (IEOC)
If the charger current termination is enabled (TE bit = “1”
of REG0x01[3]), the end-of-charge current is determined
by both termination current sense voltage (VEOC) and power
path sense resistor (RON). General RON is 35m
Ω, IEOC is
set by the I2C interface from 100mA to 450mA per 50mA.
Input Voltage Protection in Charge Mode
During charge mode, there are two protection mechanisms
against if input power source capability is less than the
charging current setting. One is AICR and the other is
minimum input voltage regulation. A suitable level of AICR
can prevent VBUS drop by the insufficient capability. As
the AICR setting is not suitable, MIVR will regulate the
VBUS in the setting level and sink the maximum current
of power source.
Sleep Mode (VIN - VBATS < VSLP)
The RT9460 enters sleep mode if the voltage drop between
the VIN and BATS pins falls below VSLP. In sleep mode,
the reverse blocking switch and PWM are all turned off.
This function prevents battery drain during poor or no input
power source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com