Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBTA06 Datasheet(PDF) 2 Page - First Components International

Part # MMBTA06
Description  Small Signal Transistors (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

MMBTA06 Datasheet(HTML) 2 Page - First Components International

  MMBTA06 Datasheet HTML 1Page - First Components International MMBTA06 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 1 mA, IB = 0
80
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 100
µA, IC = 0
4.0
V
Collector-Emitter Cutoff Current
ICES
VCE = 60 V, IB = 0
100
nA
Collector-Base Cutoff Current
ICBO
VCB = 80 V, IE = 0
100
nA
Collector Saturation Voltage
VCEsat
IC = 100 mA, IB = 10 mA
0.25
V
Base-Emitter On Voltage
VBE(on)
IC = 10 mA, IB = 1 mA
1.2
V
DC Current Gain
hFE
VCE = 1 V, IC = 10 mA
100
VCE = 1 V, IC = 100 mA
100
Gain-Bandwidth Product
fT
VCE = 2 V, IC = 10 mA
100
MHz
f = 100 MHz
Note:
(1)Device on fiberglass substrate, see layout on next page
MMBTA06
Small Signal Transistors (NPN)
0.59 (15)
0.2 (5)
0.03 (0.8)
0.30 (7.5)
0.12 (3)
.04 (1)
0.06 (1.5)
0.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
0.47 (12)
Dimensions in inches (millimeters)
Layout for R
θJA test
Thickness: Fiberglass 0.059 in. (1.5 mm)
Copper leads 0.012 in. (0.3 mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com