Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EZJZ1V270RAM Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EZJZ1V270RAM
Description  Multilayer Varistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZ1V270RAM Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EZJZ1V270RAM Datasheet HTML 1Page - Panasonic Semiconductor EZJZ1V270RAM Datasheet HTML 2Page - Panasonic Semiconductor EZJZ1V270RAM Datasheet HTML 3Page - Panasonic Semiconductor EZJZ1V270RAM Datasheet HTML 4Page - Panasonic Semiconductor EZJZ1V270RAM Datasheet HTML 5Page - Panasonic Semiconductor EZJZ1V270RAM Datasheet HTML 6Page - Panasonic Semiconductor EZJZ1V270RAM Datasheet HTML 7Page - Panasonic Semiconductor EZJZ1V270RAM Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
1
0.1
1
10
100
10
100
Frequency (MHz)
1000
10000
3 pF max. [2.1 pF typ.]
1 pF max. [0.8 pF typ.]
1.5 pF typ.
(Typical curve)
3 pF max. [2.1 pF typ.]
1 pF max. [0.8 pF typ.]
1.5 pF typ.
1
Frequency (MHz)
10
10
100
1000
10000
1
100
1000
10000
100000
1000000
10000000
(Typical curve)
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
1
10
100
1000
10000
Frequency (MHz)
(Typical curve)
3 pFmax.[2.1pFtyp.]
1.5 pFtyp.
1 pFmax.[0.8pFtyp.]
Capacitance vs. Frequency
Impedance vs. Frequency
Attenuation vs. Frequency
Nov. 2016
04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com