Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C0805C151J5GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C151J5GACTU
Description  Ceramic, Commercial-(CxxxxC), 150 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C151J5GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C151J5GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - b1330dcb-9c99-4a0c-8a55-9287e3534d2f
KEMET Part Number: C0805C151J5GACTU
(C0805C151J5GAC7800)
Ceramic, Commercial-(CxxxxC), 150 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.78mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0805
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
Specifications
Capacitance: 150 pF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C151J5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C151J5GACAUTO KEMET-C0805C151J5GACAUTO Datasheet
60Kb / 1P
SMD Auto C0G, Ceramic, 150 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0805
More results

Similar Description - C0805C151J5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C182J5GACTU KEMET-C0805C182J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 1800 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C102J5GACTU KEMET-C0805C102J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 1000 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C471J5GACTU KEMET-C0805C471J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 470 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C681J5GACTU KEMET-C0805C681J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 680 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C101J5GACTU KEMET-C0805C101J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 100 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C151J1GACTU KEMET-C0805C151J1GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 150 pF, 5%, 100 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C151JCGACTU KEMET-C0805C151JCGACTU Datasheet
70Kb / 1P
Ceramic, Commercial-(CxxxxC), 150 pF, 5%, 500 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C200J5GACTU KEMET-C0805C200J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 20 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C221J5GACTU KEMET-C0805C221J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 220 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C151F5GACTU KEMET-C0805C151F5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 150 pF, 1%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com