Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC9608 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC9608
Description  1:10 LVCMOS Zero Delay Clock Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9608 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC9608 Datasheet HTML 4Page - Motorola, Inc MPC9608 Datasheet HTML 5Page - Motorola, Inc MPC9608 Datasheet HTML 6Page - Motorola, Inc MPC9608 Datasheet HTML 7Page - Motorola, Inc MPC9608 Datasheet HTML 8Page - Motorola, Inc MPC9608 Datasheet HTML 9Page - Motorola, Inc MPC9608 Datasheet HTML 10Page - Motorola, Inc MPC9608 Datasheet HTML 11Page - Motorola, Inc MPC9608 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MPC9608
TIMING SOLUTIONS
9
Figure 9. Output-to-output Skew tSK(O)
The pin-to-pin skew is defined as the worst case difference in propa-
gation delay between any similar delay path within a single device.
VCC
VCC ÷ 2
GND
VCC
VCC ÷ 2
GND
tSK(O)
VCC
VCC ÷ 2
GND
VCC
VCC ÷ 2
GND
t(∅)
CCLK
FB_IN
Figure 10. Propagation delay (tPD, static phase offset)
test reference
The time from the PLL controlled edge to the non controlled edge, di-
vided by the time between PLL controlled edges, expressed as a per-
centage.
VCC
VCC ÷ 2
GND
tP
T0
DC = tP/T0 x 100%
Figure 11. Output Duty Cycle (DC)
Figure 12. I/O Jitter
The deviation in t0 for a controlled edge with respect to a t0 mean in a
random sample of cycles.
TJIT(∅) = |T0 - T1 mean|
CCLK
FB_IN
Figure 13. Cycle-to-cycle Jitter
The variation in cycle time of a signal between adjacent cycles, over a
random sample of adjacent cycle pairs.
TN
TJIT(CC) = |TN -TN + 1|
TN + 1
Figure 14. Period Jitter
The deviation in cycle time of a signal with respect to the ideal period
over a random sample of cycles.
TJIT(PER) = |TN - 1/f0|
T0
Figure 15. Output Transition Time Test Reference
tF
tR
VCC =3.3 V
2.4
0.55
Figure 16. Setup and Hold Time (ts, tH) Test Reference
VCC
GND
ts
CCLK
CLK_STOP
VCC
GND
tH
VCC ÷ 2
VCC ÷ 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com