Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFS50-AFV12X02 Datasheet(PDF) 4 Page - SICK AG

Part # CFS50-AFV12X02
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CFS50-AFV12X02 Datasheet(HTML) 4 Page - SICK AG

  CFS50-AFV12X02 Datasheet HTML 1Page - SICK AG CFS50-AFV12X02 Datasheet HTML 2Page - SICK AG CFS50-AFV12X02 Datasheet HTML 3Page - SICK AG CFS50-AFV12X02 Datasheet HTML 4Page - SICK AG CFS50-AFV12X02 Datasheet HTML 5Page - SICK AG CFS50-AFV12X02 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CFS50-AFV12X02 | CFS50
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
Proposed fitting
*) Size of tolerance reduce the allowed
movement of the shaft, see data sheet.
Thread holes according DIN 13 with
counterbore according DIN 76
min. 1.05 x diameter of thread.
1:3
Rz 6.3
A
*)
A
*)
0.4
(0.02)
7.4 +0.2 (0.29)
10 (0.39)
13 (0.51)
3.4 –0.2 (0.13)
6.5 ±*) (0.26)
A
*)
A
PIN assignment
PIN
Color
Signal
1
Blue
Ground connection (GND)
2
Red
Supply voltage 5 V ± 10 % (U
S)
3
Yellow
)
Z¯
(
d
e
t
r
e
v
n
i
l
a
n
g
i
s
e
c
n
e
r
e
f
e
R
4
Purple
Reference signal (Z)
5
Brown
Increment signal inverted (¯A)
6
White
Increment signal (A)
7
Black
)
B
¯
(
d
e
t
r
e
v
n
i
l
a
n
g
i
s
t
n
e
m
e
r
c
n
I
8
Pink
Increment signal (B)
9
White/Red
)
T¯
(
d
e
t
r
e
v
n
i
l
a
n
g
i
s
n
o
i
t
a
t
u
m
m
o
C
10
White/Gray
Commutation signal (T)
11
White/Blue
)
S
¯
(
d
e
t
r
e
v
n
i
l
a
n
g
i
s
n
o
i
t
a
t
u
m
m
o
C
12
White/Yellow
Commutation signal (S)
13
White/Pink
)
R
¯
(
d
e
t
r
e
v
n
i
l
a
n
g
i
s
n
o
i
t
a
t
u
m
m
o
C
14
White/Green
Commutation signal (R)
15
Gray
Electronic setting of the commutation signals (SET0)
Diagram
Z
R
S
T
e
f
g
h
i
k
Polpairs
Number of poles
e, f, g, h, i, k
α
2
4
30°
180°
3
6
20°
120°
4
8
15°
90°
6
12
10°
60°
8
16
7.5°
45°
The angle information is related to a mechanical shaft rotation. Flank precision of the signals R, S, T ±1°.
4
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-07-07 18:51:26
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com