Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3PDB40N12 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # S3PDB40N12
Description  Three Phase Rectifier Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PDB40N12 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  S3PDB40N12 Datasheet HTML 1Page - Sirectifier Semiconductors S3PDB40N12 Datasheet HTML 2Page - Sirectifier Semiconductors S3PDB40N12 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S3PDB40NXX
Three Phase Bridge Rectifiers
Symbol
Test Conditions
Characteristic Values
Unit
VR=VRRM; TVJ=25oC
VR=VRRM; TVJ=TVJM
< 5
< 1000
uA
VF
IF=15A; T VJ=25oC
< 1.1
V
IR
VTO
For power-loss calculations only
0.8
V
rT
TVJ=TVJM
3.821
m
per diode
per module
RthJC
1.25
0.31
K/W
per diode
per module
RthJK
1.4
0.35
K/W
dS
Creeping distance on surface
10
mm
dA
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
_
_
_
FEATURES
* Rating to 1600V PRV
* High efficiency
* Glass passivated chip junction
* Electrically isolated metal case
for maximum heat dissipation
APPLICATIONS
* Supplies for DC power equipment
* Input rectifiers for PWM inverter
* Battery DCpower supplies
* Field supply for DC motors
ADVANTAGES
* Easy to mount one screw
* Space and weight savings
* Improved temperature and power cycling
< 1000
< 1000
< 1.1
< 1.1
0.8
0.8
3.821
3.821
1.25
1.25
0.31
0.31
K/W
K/W
1.4
1.4
0.35
0.35
K/W
K/W
10
10
mm
mm
9.4
9.4
50
50
__< 1.1
< 1.1
< 1.1
* Glass passivated chip junction
* Glass passivated chip junction
* Electrically isolated metal case
* Electrically isolated metal case
dissipation
dissipation
APPLICATIONS
APPLICATIONS
* Supplies for DC power equipment
* Supplies for DC power equipment
* Input rectifiers for PWM inverter
* Input rectifiers for PWM inverter
* Battery DCpower supplies
* Battery DCpower supplies
* Field supply for DC motors
* Field supply for DC motors
ADVANTAGES
ADVANTAGES
* Easy to mount one screw
* Easy to mount one screw
* Space and weight savings
* Space and weight savings
P2
© 2008 SIRECTIFIER All rights reserved
www.sirectifier.com Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com