Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3PDB80N08 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # S3PDB80N08
Description  Three Phase Rectifier Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PDB80N08 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  S3PDB80N08 Datasheet HTML 1Page - Sirectifier Semiconductors S3PDB80N08 Datasheet HTML 2Page - Sirectifier Semiconductors S3PDB80N08 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Three Phase Rectifier Modules
Fig. 1 - Current Ratings Characteristic
130
140
150
120
110
100
90
80
70
60
50
Total Output Current (A)
25
50
75
100
125
0
+
-
~
Fig. 2 - Forward Voltage Drop Characteristics
1
100
10
1000
Instantaneou s Forward Volta ge (V)
1
2
3
4
5
0
T
J
= 25 °C
T
J
= 150 °C
350
400
300
250
200
150
100
50
0
Total Output Current (A)
20
40
60
80
100
120
0
300
350
400
250
200
150
100
50
0
Maximum Allowable Ambient
Temperature (°C)
25
50
75
100
125
150
0
R
htSA
-
W
/
K
5
0.
0
=
∆R
W
/
K
2
1.
0
W
/
K
2
.
0
.
0 3
W
/
K
W
/
K
5
0
.
0
W
/
K
7
.
0
W
/
K
0
.
1
W
/
K
5
.
1
Fig. 3 - Total Power Loss Characteristics
Fig.4 - Thermal Impedance Z thJC Characteristic
0.01
0.1
1
10
0.001
0.01
0.1
1
Square Wave Pul se Duration ( s)
10
Per junction
Steady state value
RthJC = 1.26 K/W
(DC operation)
Three Phase Rectifier Modules
S3PDB80NXX
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com