Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADCS9888 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 4Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 5Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 6Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 7Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 8Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 9Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 10Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 11Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Absolute Maximum Ratings (Notes 2,
1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (V
+ =V
D,
PV
D,VDD) With Respect to GND
3.6V
Voltage on Any Input or Output Pin
−0.3V to V
+ +0.3V
Voltage on VSYNC, HSYNC Input
Pin
−0.3V to 5.5V
Input Current at any pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
(Note 4)
ESD Susceptibility (Note 5)
Human Body Model
6500V
Machine Model
250V
Soldering Information
(Note 6)
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
T
MIN
≤ T
A
≤ T
MAX
ADCS9888CVH
0˚C
≤ T
A
≤ +70˚C
V
D Supply Voltage
+3.0V to +3.6V
PV
D Supply Voltage
+3.0V to +3.6V
V
DD Supply Voltage
+2.2V to +3.6V
(PV
D or VDD)-VD,VD-PVD
≤100 mV
Analog Input Voltage Range
−0.05 to V
D + 0.05V
Digital Input Voltage Range
−0.05 to V
D + 0.05V
Electrical Characteristics
The following specifications apply for GND=0V,V
D =VDD =PVD = +3.3 VDC, ADC Clock = 205 MHz, unless otherwise speci-
fied. Boldface limits apply for T
A =TMIN to TMAX; all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Min
(Note 9)
Typical
(Note 8)
Max
(Note 9)
Units
ANALOG VIDEO CHANNEL CHARACTERISTICS
Resolution
8
Bits
DC ACCURACY
DNL
Differential Non-Linearity
140 MSPS
+0.5
–0.4
+1.35
−1.0
LSBs
170 MSPS
+0.6
–0.5
+1.5
−1.0
205 MSPS
+0.8
–0.6
+1.80
−1.0
INL
Integral Non-Linearity Error
140 MSPS
+1.0
−0.7
+2.0
–2.0
LSBs
170 MSPS
+1.0
−0.9
+2.25
–2.25
205 MSPS
+1.2
−1.0
+2.75
–2.75
CODES
No Missing Codes
25˚C
Guaranteed
ANALOG INPUT CHARACTERISTICS
V
IN
Input Voltage Range Minimum
25˚C
0.5
V
PP
Input Voltage Range Maximum
1.0
Gain Tempco
25˚C
100
ppm/˚C
I
IN
Input Bias Current
25˚C
Full Temp. Range (Note 12)
1
2
µA
C
IN
Input Capacitance
Full Temp. Range
3
pF
R
IN
Input Resistance
Full Temp. Range (Note 12)
1
M
Ω
V
OS
Input Offset Voltage
Full Temp. Range
12
105
mV
Input Full-Scale Matching
Full Temp. Range
1
9
%FS
Offset Adjustment Range
Full Temp. Range
41
49
57
%FS
INTERNAL VOLTAGE REFERENCE CHARACTERISTICS
V
REF
Output Voltage
Full Temp. Range
1.15
1.225
1.30
V
Temperature Coefficient
Full Temp. Range
±50
ppm/˚C
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com