Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN874 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # AN874
Description  Using the MAX6950 and the MAX6951 LED Display Drivers with Multiplex Dual-Digit Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN874 Datasheet(HTML) 2 Page - Maxim Integrated Products

  AN874 Datasheet HTML 1Page - Maxim Integrated Products AN874 Datasheet HTML 2Page - Maxim Integrated Products AN874 Datasheet HTML 3Page - Maxim Integrated Products AN874 Datasheet HTML 4Page - Maxim Integrated Products AN874 Datasheet HTML 5Page - Maxim Integrated Products AN874 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LED
Digit
6*
SEG dp
SEG g
SEG f
SEG e
SEG d
SEG c
CC6
SEG b
SEG
a
LED
Digit
7*
SEG dp
SEG g
SEG f
SEG e
SEG d
SEG c
SEG b
CC7
SEG
a
*These digits are not available for the MAX6950.
The MAX6950 and MAX6951 were intended to drive single-digit displays, and this allows the segments
for each digit to be routed to the correct driver pin. Many dual-digit displays pin out the two digits
separately, treating the digits as two singles in one package. These can be driven directly by the
MAX6950 and MAX6951. Other dual-digit displays internally pair the segment anodes for the two digits
(Figure 1) and these displays present issues.
The problem can be understood by checking the SEG dp entries in Table 1 for Digit 0 and Digit 1. SEG
dp is connected to a different pin for each digit. However, a multiplex dual-digit display commons these
connections internally (Figure 1), effectively shorting Pin 5 and Pin 6 of the driver.
Figure 1. Internal connections for a multiplex dual-digit display
Two simple solutions are presented here.
The first solution simply sacrifices the segment drive that share a cathode drive for each dual-digit. This
is SEG dp for Digit 0 and Digit 1 discussed earlier. By examining Table 1, it can be seen that the other
sacrificed segments are SEG f for Digit 2 and Digit 3, SEG d for Digit 4 and Digit 5, and SEG b for Digit
6 and Digit 7. However, it's usually the DP segments that applications can sacrifice, not segments
within the seven-segment digit.
If the DPs are not required, then the connections shown in Table 2 can be used. This is a rework of the
standard connections shown in Table 1, with the segments moved so that all segments apart from the
DP segments are available. The DP segment connections on the displays are simply left unused. The
no-decode operation should not be selected when this (or any other nonstandard) pin mapping is used.
The MAX6950 or MAX6951's internal hexadecimal fonts display correctly in decode mode only when
the standard display connections are being used.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com