Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RELI-DA01/R Datasheet(PDF) 1 Page - Recom International Power

Part # RELI-DA01/R
Description  1.6 Watt DALIConverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RELI-DA01/R Datasheet(HTML) 1 Page - Recom International Power

  RELI-DA01/R Datasheet HTML 1Page - Recom International Power RELI-DA01/R Datasheet HTML 2Page - Recom International Power RELI-DA01/R Datasheet HTML 3Page - Recom International Power RELI-DA01/R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RELI-DA01/R
LIGHTLINE
DALI-Converter AC/DC
with 5 year Warranty
1.6 Watt
DALI-
Converter
Selection Guide
Input Voltage Range
90-290VAC, 50/60Hz
Power Consumption
1.6W typ. / 3W max.
DALI Bus Current Consumption
2mA max.
Suitable Electric Wire
22 AWG - 16 AWG
PWM Frequency
500Hz typ.
PWM High Level Voltage
9.5VDC min. / 10VDC typ. / 10.5VDC max.
PWM Low Level Voltage
0VDC typ.
PWM Output Current Sourcing (mA)
-60mA min. / 60mA max.
DC 0/1-10V Output Accuracy
±3%
DC Output Current Sourcing (mA)
-5mA min. / 60mA max.
DALI Standard
IEC62386 Part-102 & Part-206
Short Circuit Protection
(Dimming Output)
cont., current limited to 240mA
Over Voltage Protection
(DALI connector)
24V Zener Diode clamp
Operating Temperature Range
Ambient Temperature
-20 to +40°C
(free air convenction)
Case Temperature
46°C
Relay Switch
1 Channel, 2A cont. / 70A inrush handling
IP Rating
IP20
Dimensions
150 x 40 x 28mm
Weight
100g ±10%
Safety Standards (100-240VAC)
Report: P201311017
EN61347-1, 2nd Edition
EN61347-2-11, 1st Edition
EMC Emmission
Report: HA140050
IEC61000-3-2, 3
EN55015
EMC Immunity
IEC61000-4-2,3,4,5,6, 8, 11; Class A
EN61547
MTBF (+25°C)
using MIL-HDBK 217F
200 x 10³ hours min.
Specifications (measured at TA = 25°C and nominal input voltage)
● Compliant with DALI Standard
(IEC62386 Part 102 & Part 206)
● Screw-less Connectors, Easy to Install
● Selectable Output for DC 0-10V / DC 1-10 / PWM
● Built-in Relay to Turn ON/OFF Driver
Completely (Zero Standby Current)
● Over Voltage and Short Circuit Protection
Features
DALI
Converter
Part
Input
Power
DALI Bus
DALI
Dimming
Number
Voltage
Consumption
Power Consumption
Standard
Output
(VAC)
(W)
(mA)
IEC62386
RELI-DA01/R
90-290
1.6 typ.
2 max.
Part-102
DC 0-10V
Part-206
DC 1-10V
or PWM (1)
Note1: PWM output is not included in the IEC62386 standard
IEC 62386-102 Compliant
IEC 62386-206 Compliant
EN55015 Certified
EN61347 Certified
EN61547 Certified
Description
The RELI-DA01/R is a DALI to analog control signal interface which is compliant with the DALI IEC62386
standard and listed on the agDALI website.. The output is selectable between 0-10V and 1-10V or PWM (1) and
is compatible with all RECOM dimmable LED drivers as well as other manufacturer’s products. The output can
control several LED drivers, allowing the lighting in a whole room or office to be dimmed with just one DALI
address. A built-in relay can be used to switch off the LED drivers under software control to give zero no-load
consumption. The interface is universal AC powered (110VAC, 230VAC or 277VAC).
Refer to Application Notes
RoHS
2011/65/EU
6/6
L-72
www.recom-power.com
REV: 0/2015


Similar Part No. - RELI-DA01/R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RELI-DA01 RECOM-RELI-DA01 Datasheet
124Kb / 4P
Compliant with DALI Standard
RELI-DA01R RECOM-RELI-DA01R Datasheet
124Kb / 4P
Compliant with DALI Standard
More results

Similar Description - RELI-DA01/R

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC453QS16G HITTITE-HMC453QS16G Datasheet
379Kb / 12P
InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.45 - 2.2 GHz
logo
Fairchild Semiconductor
RMPA39200 FAIRCHILD-RMPA39200 Datasheet
236Kb / 8P
37-40 GHz 1.6 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC453ST89 HITTITE-HMC453ST89 Datasheet
1Mb / 22P
InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G_06 Datasheet
1,023Kb / 22P
InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G_09 Datasheet
705Kb / 22P
InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
logo
Tyco Electronics
MAAPGM0071-DIE MACOM-MAAPGM0071-DIE Datasheet
388Kb / 8P
1.6 Watt Saturated Output Power Level
logo
Analog Devices
HMC453QS16G AD-HMC453QS16G Datasheet
1Mb / 22P
InGaP HBT 1.6 WATT POWER AMPLIFIER
HMC453ST89 AD-HMC453ST89 Datasheet
1Mb / 22P
InGaP HBT 1.6 WATT POWER AMPLIFIER
logo
Recom International Pow...
RAC15-K-480 RECOM-RAC15-K-480 Datasheet
2Mb / 6P
15 Watt 2 x 1.6 Single Output
REV.: 0/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com