Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SW270M Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 2SW270M
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

2SW270M Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  2SW270M Datasheet HTML 1Page - RUBYCON CORPORATION 2SW270M Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
导电性高分子铝固体电解电容器
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
SERIES
SLG
SERIES
SWZ/SW
SPECIFICATIONS
Series
55
105
1.1m
1.9mm
9 15
4.5 25
9 18
9
2,500 3,500
1,800 3,500
2,100 2,700
2.7mm
2.9mm
2 6.3
2 10
47 220
47 330
2 8
2 6.3
68 220
120 470
20%
0.04CV
0.1
• RoHS
RoHS Compliance
(260
) : (
MSL3)
Lead free reflow soldering is available (260 ,10sec) : (Available for MSL3)
Category Temperature Range( )
Surge Voltage
1.25
Rated voltage X1.25
20%
Within
20% of the initial value
initial specified value
200%
200% of initial specified value
20%
60%
Within -20% +60% of the initial value
-20% +40%
Within -20% +40% of the initial value
200%
200% of initial specified value
300%
300% of initial specified value
C
tan
LC
C
tan
LC
(105
2000
)
Endurance
(105 , 2000hrs, Rated Voltage applied)
(
)
(60 ,90%RH,
500
)
Damp heat(Steady state)
(60 , 90%RH, 500hrs, No-applied voltage)
FEATURES
SLG :
Ultra Low Profile
SW :
ESR
High Capacitance,Low ESR
SWZ :
ESR
High Capacitance,Ultra Low ESR
SLG
SWZ
SW
PC-CON
Rated Voltage Range(V.DC)
Capacitance Range(µF)
Capacitance Tolerance(20
, 120Hz)
(
5
)
Leakage Current(µA/after 5 minutes)
(tan )
Dissipation Factor(20
, 120Hz)
Maximum Allowable Ripple Current(mA r.m.s/100kHz)
(ESR)
Equivalent Series Resistance(ESR)
(m /20
, 100kHz)
PC-CON SPICE
(netlist)
Our website offers the SPICE model (netlist) of PC-CON as the data for simulations. Please make use of various circuit design.
For automotive use (AEC-Q200), please inquire our sales offices.
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
1.1
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
9
6
15
9
6
4.5
9
6
9
6
9
9
9
15
9
2,700
3,000
3,500
2,700
3,000
3,500
3,500
3,000
3,500
3,000
3,500
3,000
3,000
3,000
2,700
3,000
2
(d)
2.5
(e)
4
(g)
6.3
(j)
2
(d)
2.5
(e)
4(g)
6.3(j)
2SWZ270M R09
2SWZ270M R06
2SWZ330M R15
2SWZ330M R09
2SWZ330M R06
2SWZ330M R05
2.5SWZ220M R09
2.5SWZ220M R06
2.5SWZ270M R09
2.5SWZ270M R06
4SWZ180M R09
4SWZ220M R09
6SWZ120M R09
6SWZ150M R15
100
150
180
100
150
180
68
47
270
270
330
330
330
330
330
330
330
220
220
270
270
180
220
120
150
150
6SWZ150M R09
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
(V.DC)
Cap(µF)
ESR
(m )
Part No.
(mAr.m.s)
Size(mm)
L
W
H
Series
SWZ
SLG
SW
ITEM
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
2.7
2.9
2.9
2.9
2.9
2.7
2.9
2.9
2.9
2.7
2.9
2.9
2.9
2.7
2.9
2.9
2.9
2.7
2.7
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
9
18
18
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
3,500
2,500
2,500
8
(k)
2
(d)
2.5
(e)
4
(g)
6.3
(j)
2SW220M
2SW270M
2SW330M
2SW390M
2SW470M
2.5SW180M
2.5SW220M
2.5SW270M
2.5SW330M
4SW150M
4SW180M
4SW220M
4SW270M
6SW100M
6SW120M
6SW150M
6SW180M
8SW68M
8SW100M
220
270
330
390
470
180
220
270
330
7.3
4.3
2.9
9
3,500
2.5SW390M
390
150
180
220
270
7.3
4.3
2.9
9
3,500
4SW330M
330
100
120
150
180
68
100
220
7.3
4.3
2.9
9
3,500
6SW220M
7.3
4.3
1.9
15
2,700
2.5SWZ330MR15
7.3
4.3
1.9
9
3,000
2.5SWZ330MR09
7.3
4.3
1.9
6
3,500
2.5SWZ330MR06
10 (A)
47
7.3
4.3
1.9
25
1,800
10SWZ47MR25
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
1.1
1.1
1.1
1.1
1.1
1.1
1.1
9
9
9
9
9
9
15
15
2,700
2,700
2,700
2,700
2,700
2,100
2,100
2SLG100M
2SLG150M
2SLG180M
220
7.3
4.3
1.1
9
2,700
2SLG220M
2.5SLG100M
2.5SLG150M
2.5SLG180M
4SLG68M
6SLG47M
PC-CON
PC-CON
导电性高分子



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com