Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI5C3303TEX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C3303TEX
Description  SOTiny??2:1 Mux/DeMux Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3303TEX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C3303TEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3303TEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3303TEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3303TEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3303TEX Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8367D
10/14/04
PI5C3303
SOTiny™ 2:1 Mux/DeMux Bus Switch
Storage Temperature ..........................................................–65°C to +150°C
Ambient Temperature with Power Applied .........................–40°C to +85°C
Supply Voltage to Ground Potential......................................–0.5V to +7.0V
DC Input Voltage ..................................................................–0.5V to +7.0V
DC Output Current.............................................................................120mA
Power Dissipation .................................................................................0.5W
Note: Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of this
specification is not implied. Exposure to absolute max-
imum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ± 10%)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2) Max. Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZ
High Impedence Output Current VCC = Max., VOUT = 0V or VCC
±1
RON
Switch On-Resistance(3)
VCC = 4V, VIN = 2.4V,
ION = -15mA
10
20
Ω
VCC = 4.5V, VIN = 0V,
ION = 30mA or 64mA
4
7
VCC = 4.5V, VIN = 2.4V, ION = -15mA
7
15
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(4)
Description
Test Conditions
Type(4)
Units
CIN
Input Capacitance
VIN = 0V
3
pF
COFF
A/B Capacitance, Switch Off
5
CON
A/B Capacitance, Switch On
12
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined by the lower of the
voltages on the two (A, B) pins.
4. This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com