Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI49FCT32807QE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT32807QE
Description  3.3V 1:10 CMOS Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT32807QE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT32807QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT32807QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT32807QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT32807QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT32807QE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT32807QE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PI49FCT32807
3.3V 1:10 CMOS Clock Driver
2
PS8496A
09/08/04
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range)
Symbol
Parameter
Test Condition(1)
Min.
Typ.
Max.
Units
VOH
Output High Voltage
VCC = 3V, VIN = VIH or VIL
IOH = -8mA
2.4
3.0
V
VOL
Output Low Voltage
VCC = 3V VIH or VIL
IOL = 12mA
0.4
0.5
VIH
Input High Voltage
Guaranteed Logic HIGH Level (Input pins)
2.0
505
VIL
Input Low Voltage
Guaranteed Logic LOW Level (Input pins)
-0.5
0.8
IIH
Input High Current
VCC = 3.6V
VIN = 3.6V
1
µA
IIL
Input Low Current
VCC = 3.6V
VIN = 0V
-1
VIK
Clamp Diode Voltage
VCC = Min., IIN = -18mA
-0.7
-1.2
V
IOH
Output HIGH Current
VCC = 3.3V, VIN =VIL or VIH, VOUT = 1.5V(5)
-25
-45
-80
mA
IOL
Output LOW Current
VCC = 3.3V, VIN =VIL or VIH, VOUT = 1.5V(5)
25
45
90
IOS
Short Circuit(5) Current
VCC = Max., VOUT = GND(5)
-50
-100
-180
VH
Input Hysteresis
150
mV
RS
Internal Series Resistor
22
Ω
Storage Temperature ............................................................–65°C to +150°C
Ambient Temperature with Power Applied ...........................–40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only).....–0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ..–0.5V to +7.0V
DC Input Voltage ....................................................................–0.5V to +7.0V
DC Output Current............................................................................... 120mA
Power Dissipation ................................................................................... 0.5W
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3. VOH = VCC – 0.6V at rated current.
4. This parameter is determined by device characterization but is not production tested.
5. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com